Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2201223 Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # R2201223
Description  Miniature plug-in power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

R2201223 Datasheet(HTML) 3 Page - ZETTLER Electronics

  R2201223 Datasheet HTML 1Page - ZETTLER Electronics R2201223 Datasheet HTML 2Page - ZETTLER Electronics R2201223 Datasheet HTML 3Page - ZETTLER Electronics R2201223 Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
R2
Miniature plug-in power relays
Connections diagram (pin side view)
Dimensions - PCB version
(without WT)
Dimensions - version with cover equipped
with mounting flange (without WT)
Dimensions - version with threaded bolt
(without WT)
Maximum DC resistive load
breaking capacity
Fig. 3
Dimensions -
manual testing/latching lever
plug-in version (WT),
with
6,6
6,6
21,2
12 (1)
14 (5)
11 (9)
A1 (13)
42 (4)
44 (8)
41 (12)
A2 (14)
28,4
43
38
22
21,1
27,4
6,8
M2,5
27,5
21,2
10
0,1
0,5
1
2
5
10
12
50
20
30
40 50
100
200
300
Terminal (pin)
Drilling hole
for relays
f
f
1,3 mm ± 0,1
for sockets
1,5 mm ± 0,1
mm
12(1); 42(4); 14(5); 44(8); 11(9); 41(12);
A1(13); A2(14)
0,5x1,0


Similar Part No. - R2201223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2201C2NBB ETC2-R2201C2NBB Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
R2201F2LB0 ETC2-R2201F2LB0 Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
More results

Similar Description - R2201223

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
   Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
   Miniature plug-in power relays
RUC101225 ZETTLER-RUC101225 Datasheet
533Kb / 4P
   Plug-in power relays
RY2101226 ZETTLER-RY2101226 Datasheet
435Kb / 4P
   Plug-in power relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
ZETTLER Electronics
R15101223 ZETTLER-R15101223 Datasheet
505Kb / 5P
   Plug-in power relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
   MINIATURE POWER RELAYS
logo
List of Unclassifed Man...
RXM2LB2JD ETC1-RXM2LB2JD Datasheet
487Kb / 6P
   Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
logo
American Electronic Com...
DG29 AEC-DG29 Datasheet
248Kb / 2P
   Two separate relays in miniature
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
   Plug-In Relays Mini 280 Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com