Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2211243 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # R2211243
Description  Miniature plug-in power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

R2211243 Datasheet(HTML) 1 Page - ZETTLER Electronics

  R2211243 Datasheet HTML 1Page - ZETTLER Electronics R2211243 Datasheet HTML 2Page - ZETTLER Electronics R2211243 Datasheet HTML 3Page - ZETTLER Electronics R2211243 Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
R2
Miniature plug-in power relays
Coil
Rated voltage
Must release voltage
Operating range of supply voltage
Rated power consumption
Voltage
5...220 V DC
6...240 V AC 50 Hz
0,1 U DC;
0,2 U AC
see Tables 1, 2
0,9 W DC; 1,6 VA AC
nn
³³
Contacts
Contact number & arrangement
2C/O
Contact material
AgCdO, AgNi, AgNi/Au 0,2 µm, AgNi/Au 5 µm
Max. switching voltage AC/DC
250 V / 250 V
in. switching voltage
V (AgCdO)
(AgNi, AgNi/Au 0,2 µm, AgNi/Au 5 µm)
Rated load
version
- plug-in version
10 A / 250 V DC - PCB version
in. switching current
AgNi, AgNi/Au 0,2 µm); 50 mA
1mA(AgNi/Au5µm)
Rated current
plug-in version
PCB version
Max. breaking capacity
- plug-in version
2 500 VA - PCB version
Min. breaking capacity
0,1 W (AgNi/Au 5 µm); 0,3 W (AgNi, AgNi/Au 0,2 µm)
0,5 W (AgCdO)
esistance
at rated load
cycles/hour
no load
cycles/hour
M5
5V
AC1
12 A / 250 V AC - plug-in version
10A/250VAC-PCB
DC1
12A/24VDC
M5 mA (
Max. inrush current
24 A
12A-
10A-
AC1
3 000 VA
R
100 m
at 100 mA, 24 V
AC1
1 200
18 000
Voltage
Current
Max. operating frequency
W
(AgCdO)
£
Insulation
Insulation category
Insulation rated voltage
Dielectric strength
coil-contact
contact-contact
pole-pole
clearance
creepage
C250
250VAC
2500VAC
1500VAC
2500VAC
2,5 mm
•4 mm
Voltage
Contact-coil distance
³
³
General data
Operating time (typical value)
Release time (typical value)
resistive
Mechanical life (cycles)
Dimensions (L x W x H)
plug-in standard version
PCB version
and version with threaded bolt
Weight
storing
operating
-40...+70 °C
Cover protection category
Shock resistance
Vibration resistance
Solder bath temperature
Soldering time
10 ms AC; 13 ms DC
8msAC; 3msDC
10
at12A,250VAC
• cos
see Fig. 2
2 x10
27,5 x 21,2 x 35,6 mm -
(WT)
27,5x21,2x33mm-
35 g
-40...+85 °C
AC: -40...+55 °C; DC:
IP 40
10g(NO);5g(NC)
5 g
for 10...150 Hz
max. 270 °C
max. 5 s
Electrical life
Ambient temperature
5
j
7
³
³
Approvals
B, cUL, UL, VDE, GOST
• Plug-in version - rail mount TH35, EN 50022
• WT - standard plug-in version with indicating flag and manual testing/latching lever
• Miniature size
• Cadmium - free contacts available
• Coil AC and DC
• Plug-in, solder, PCB versions available
• General purpose relays


Similar Part No. - R2211243

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R22 ETC2-R22 Datasheet
150Kb / 6P
   Bimetal Cutouts Temperature Regulators Temperature Limiters
R22-5D16-12 ETC2-R22-5D16-12 Datasheet
565Kb / 1P
   Sealed Construction
R22-5D16-24 ETC2-R22-5D16-24 Datasheet
565Kb / 1P
   Slimline 16 Amp SPST?묿O SPDT
R2201C2NBB ETC2-R2201C2NBB Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
R2201F2LB0 ETC2-R2201F2LB0 Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
More results

Similar Description - R2211243

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
   Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
   Miniature plug-in power relays
RUC101225 ZETTLER-RUC101225 Datasheet
533Kb / 4P
   Plug-in power relays
RY2101226 ZETTLER-RY2101226 Datasheet
435Kb / 4P
   Plug-in power relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
ZETTLER Electronics
R15101223 ZETTLER-R15101223 Datasheet
505Kb / 5P
   Plug-in power relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
   MINIATURE POWER RELAYS
logo
List of Unclassifed Man...
RXM2LB2JD ETC1-RXM2LB2JD Datasheet
487Kb / 6P
   Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
logo
American Electronic Com...
DG29 AEC-DG29 Datasheet
248Kb / 2P
   Two separate relays in miniature
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
   Plug-In Relays Mini 280 Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com