Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWDM-1521-7D-47 Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FWDM-1521-7D-47
Description  Multi-rate CWDM Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1521-7D-47 Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FWDM-1521-7D-47 Datasheet HTML 2Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 3Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 4Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 5Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 6Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 7Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 8Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 9Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FWDM-1521-7D-xx SFP Product Specification – September 2005
F i n i s a r
© Finisar Corporation September 2005 Rev.D
Page 6
VI. General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
0.155*
2.67
Gb/sec *OC-3/12 compatible. Not
compliant w/ all OC-3/12
specifications, such as min ER
.(OC-48 compliance takes
precedence)
Total Link Budget
--
20
22
dB
2.488 Gb/s, BER < 10
-12
w/ PRBS 2
23-1. Does not
include dispersion penalty
VII.
Environmental Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
70
°C
Storage Temperature
Tsto
-40
85
°C
VIII. Regulatory Compliance
Finisar CWDM SFP transceivers are Class 1 Laser Products. They are certified per the
following standards:
Feature
Agency
Standard
Laser Eye Safety
FDA/CDRH
CDRH and IEC-825
Class 1 Laser Product.
See Note 1
Laser Eye Safety
TÜV
EN 60950
EN 60825-1
EN 60825-2
Electrical Safety
CSA
CLASS 3862.07
CLASS 3862.87
Note 1: Complies with FDA performance standards for laser products except for deviations pursuant to
Laser Notice No. 50, dated July 26, 2001.


Similar Part No. - FWDM-1521-7D-47

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWDM-1519-7D-47 FINISAR-FWDM-1519-7D-47 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-49 FINISAR-FWDM-1519-7D-49 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-51 FINISAR-FWDM-1519-7D-51 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-53 FINISAR-FWDM-1519-7D-53 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-55 FINISAR-FWDM-1519-7D-55 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
More results

Similar Description - FWDM-1521-7D-47

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com