Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R15101223 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # R15101223
Description  Plug-in power relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

R15101223 Datasheet(HTML) 1 Page - ZETTLER Electronics

  R15101223 Datasheet HTML 1Page - ZETTLER Electronics R15101223 Datasheet HTML 2Page - ZETTLER Electronics R15101223 Datasheet HTML 3Page - ZETTLER Electronics R15101223 Datasheet HTML 4Page - ZETTLER Electronics R15101223 Datasheet HTML 5Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
R15
Plug-in power relays
Contacts
Contact number & arrangement
2C/O, 3C/O, 4C/O
Contact material
2C/O, 3C/O: AgCdO;AgNi; AgNi/Au 0,2 µm; AgNi/Au 5 µm
AgCdO/Au 0,2 µm; AgCdO/Au 5 µm
Max. switching voltage AC/DC
Min. switching voltage
5 V (AgNi/Au 5 µm, AgCdO/Au 5 µm)
5 V (AgNi, AgNi/Au 0,2 µm)
10 V (AgCdO, AgCdO/Au 0,2 µm)
Rated load
AC1
10 A / 250 V AC
Min. switching current
(AgNi/Au 5 µm, AgCdO/Au 5 µm)
5 mA (AgNi, AgNi/Au 0,2 µm)
10 mA (AgCdO, AgCdO/Au 0,2 µm)
Max. inrush current
Rated current
Max. breaking capacity
Min. breaking capacity
0,05 W (AgNi/Au 5 µm, AgCdO/Au 5 µm)
0,3 W (AgNi, AgNi/Au 0,2 µm)
0,5 W (AgCdO, AgCdO/Au 0,2 µm)
Resistance
at rated load
cycles/hour
no load
cycles/hour
4C/O: AgCdO;
250 V / 250 V
DC1
10A/24VDC
2mA
20 A
10 A
AC1
2 500 VA
100 m
at 100 mA, 24 V
AC1
1 200
12 000
Voltage
Current
Max. operating frequency
W
£
Coil
Rated voltage
Must release voltage
Operating range of supply voltage
see Tables 1, 2, 3, 4
Rated power consumption
2,8VA50HzAC;
Voltage
6...220 V DC
6...240 V AC 50 Hz, 50/60 Hz
0,1 U DC;
0,15 U AC
2,5 VA 60 Hz; 1,5 W DC
n
n
³³
Insulation
Insulation category
Insulation rated voltage
Dielectric strength
coil-contact
contact-contact
pole-pole
clearance
2C/O, 3C/O, 4C/O:
creepage for
2C/O, 3C/O:
4C/O:
3,2 mm
C250
250VAC
2500VAC
1500VAC
2000VAC
3mm
4,2 mm;
Voltage
Contact-coil distance
³
³³
General data
Operating time (typical value)
12 ms DC; 12 ms AC
Release time (typical value)
7 ms DC; 10 ms AC
resistive
see Fig. 2
Mechanical life (cycles)
2 x 10
Dimensions (L x W x H)
2C/O, 3C/O: 35 x 35 x 54,4 mm
4C/O: 35 x 42,5 x 54,5 mm
Weight
2C/O, 3C/O: 83 g; 4C/O: 95 g
storing
operating
-40...+55 °C
Cover protection category
IP 40
Shock resistance
10 g
Vibration resistance
5 g
for 10...150 Hz
Solder bath temperature
max. 270 °C
Soldering time
max. 5 s
Electrical life
Ambient temperature
2x10
at10A,250VAC
• cos
-40...+85 °C
DC: -40...+70 °C; AC:
5
j
7
³
³
Approvals
B, UL, CSA, SEV, EZU, VDE, GOST
• R15 2C/O, R15 3C/O - WT standard plug-in version
with indicating flag and manual testing/latching lever
• Wide range of accessories
available
• Plug-in, solder, PCB, connector mounting
• Cadmium - free contacts available
• Current coil version available on request
• Maritime and rail-way version


Similar Part No. - R15101223

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
logo
Nisshinbo Micro Devices...
R1510S NISSHINBO-R1510S Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
R1510S001A NISSHINBO-R1510S001A Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
logo
RICOH electronics devic...
R1510S001A-T1-FE RICOH-R1510S001A-T1-FE Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
logo
Nisshinbo Micro Devices...
R1510S001B NISSHINBO-R1510S001B Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
More results

Similar Description - R15101223

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
RUC101225 ZETTLER-RUC101225 Datasheet
533Kb / 4P
   Plug-in power relays
RY2101226 ZETTLER-RY2101226 Datasheet
435Kb / 4P
   Plug-in power relays
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
   Miniature plug-in power relays
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
   Miniature plug-in power relays
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
   Plug-In Relays Mini 280 Relays
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
Allen-Bradley
700-HR ALLEN-BRADLEY-700-HR Datasheet
1Mb / 14P
   Plug-in Timing Relays
logo
Tyco Electronics
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com