Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2211247 Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # R2211247
Description  Miniature plug-in power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

R2211247 Datasheet(HTML) 2 Page - ZETTLER Electronics

  R2211247 Datasheet HTML 1Page - ZETTLER Electronics R2211247 Datasheet HTML 2Page - ZETTLER Electronics R2211247 Datasheet HTML 3Page - ZETTLER Electronics R2211247 Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
R2
Miniature plug-in power relays
Coil data - AC 50 Hz version
Table 2
1005
1006
1012
1024
1048
1060
1080
1110
1125
1220
3006
3012
3024
3042
3048
3060
3080
3110
3120
3127
3220
3230
5
6
12
24
48
60
80
110
125
220
6
12
24
42
48
60
80
110
120
127
220
230/240
12
50
190
565
785
1 240
2 190
3 880
4 150
4 940
16 300
17 400
4,8
9,6
19,2
33,6
38,4
48,0
64,0
88,0
96,0
101,6
176,0
184,0
6,6
13,2
26,4
46,2
52,8
66,0
88,0
121,0
132,0
139,0
242,0
253,0
28
40
160
640
2 600
4 000
7 100
13 600
16 000
54 000
4,0
4,8
9,6
19,2
38,4
48,0
64,0
88,0
100,0
176,0
5,5
6,6
13,2
26,4
52,8
66,0
88,0
121,0
137,5
242,0
Coil code
Rated voltage
VDC
Coil resistance
(±10%) at 20 °C
W
Coil operating range
VDC
max. (at 55 °C)
min. (at 20 °C)
Coil data - DC version
Table 1
Coil operating range
VAC
max. (at 55 °C)
min. (at 20 °C)
Electrical life at AC resistive load
Fig. 1
3
10,8
0,4
0,6
0,2
0,8
1
0,6
0,4
cosj
F
Electrical life reduction factor
at AC inductive load
Fig. 2
Power factor


Similar Part No. - R2211247

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R22 ETC2-R22 Datasheet
150Kb / 6P
   Bimetal Cutouts Temperature Regulators Temperature Limiters
R22-5D16-12 ETC2-R22-5D16-12 Datasheet
565Kb / 1P
   Sealed Construction
R22-5D16-24 ETC2-R22-5D16-24 Datasheet
565Kb / 1P
   Slimline 16 Amp SPST?묿O SPDT
R2201C2NBB ETC2-R2201C2NBB Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
R2201F2LB0 ETC2-R2201F2LB0 Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
More results

Similar Description - R2211247

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
   Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
   Miniature plug-in power relays
RUC101225 ZETTLER-RUC101225 Datasheet
533Kb / 4P
   Plug-in power relays
RY2101226 ZETTLER-RY2101226 Datasheet
435Kb / 4P
   Plug-in power relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
ZETTLER Electronics
R15101223 ZETTLER-R15101223 Datasheet
505Kb / 5P
   Plug-in power relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
   MINIATURE POWER RELAYS
logo
List of Unclassifed Man...
RXM2LB2JD ETC1-RXM2LB2JD Datasheet
487Kb / 6P
   Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
logo
American Electronic Com...
DG29 AEC-DG29 Datasheet
248Kb / 2P
   Two separate relays in miniature
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
   Plug-In Relays Mini 280 Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com