Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

226PHC400KR Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 226PHC400KR
Description  Metallized Polypropylene Film Capacitors for Switching Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226PHC400KR Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  226PHC400KR Datasheet HTML 1Page - Illinois Capacitor, Inc. 226PHC400KR Datasheet HTML 2Page - Illinois Capacitor, Inc. 226PHC400KR Datasheet HTML 3Page - Illinois Capacitor, Inc. 226PHC400KR Datasheet HTML 4Page - Illinois Capacitor, Inc. 226PHC400KR Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
-40˚C to +85˚C
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PHC
Metallized Polypropylene
Film Capacitors
for Switching Circuits
Switching capacitor for industrial controls
Motor speed control
SMPS
High end audio
Resonant circuits
Induction heaters
High frequency electronic ballasts
Operating Temperature Range
Capacitance Tolerance
+/- 10% at 1kHz, 20˚C
Dissipation Factor
(max) at 20˚C.
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 100VDC
Peak Current - IPEAK
(Non-repetitive)
Dielectric Strength
200% of rated WVDC for 10 seconds at 20°C between leads.
3KV at 60Hz for 60 seconds between leads and case.
Self inductance
<1nH/mm of body length and lead wire length.
Capacitance drift
<1.0% up to 40˚C after 2 years
Temperature Coefficient
-200ppm/˚C +/- 100ppm/˚C
Life Expectancy
≥30,000 hours @VAC at 70°C
Capacitance change (typical) -5%
≥100,000 hours @WVDC at 70°C
Failure rate
300/billion component hours
Dielectric
Polypropylene
Electrodes
Vacuum deposited metal layers
Construction
Metallized film with internal series connections for VDC = 850VDC
Leads
Tinned copper wire leads.
Coating
Flame retardant polyester tape wrap (UL 510) with epoxy end fills
(UL94V-0)
250
330
400
600
700
850
400
500
600
800
1000
1200
160
200
250
330
400
450
WVDC
SVDC
VAC
Rated Voltage
Freq (kHz)
C
≤5µF
5µF<C
≤30µF
C>30µF
1
.06%
.1%
.15%
> 30,000M
Ω x µF
not to exceed 30,000M
IPEAK
= 1.5*C*dv/dt Maximum
203


Similar Part No. - 226PHC400KR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226PHC400KR ILLINOISCAPACITOR-226PHC400KR Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
More results

Similar Description - 226PHC400KR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
682PPS302KG ILLINOISCAPACITOR-682PPS302KG Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com