Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108TTA025M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 108TTA025M
Description  85째C Standard Axial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108TTA025M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  108TTA025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 108TTA025M Datasheet HTML 2Page - Illinois Capacitor, Inc. 108TTA025M Datasheet HTML 3Page - Illinois Capacitor, Inc. 108TTA025M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
99
®
0.47
100
474TTA100M
705.474
12
5x12.5
1.0
50
105TTA050M
165.66
12
5x12.5
1.0
100
105TTA100M
331.573
21
5x12.5
1.0
160
105TTA160M
331.573
14
6.3x12.5
1.0
350
105TTA350M
331.573
15
6.3x16
1.0
450
105TTA450M
414.66
16
8x16
2.2
50
225TTA050M
75.58
24
5x12.5
2.2
100
225TTA100M
150.719
28
5x12.5
2.2
160
225TTA160M
150.715
23
6.3x16
2.2
250
225TTA250M
150.715
27
8x16
2.2
350
225TTA350M
150.715
27
8x16
2.2
450
225TTA450M
188.394
31
10x20
3.3
50
335TTA050M
50.238
30
5x12.5
3.3
100
335TTA100M
100.477
35
5x12.5
3.3
160
335TTA160M
100.477
33
8x16
3.3
250
335TTA250M
100.477
35
8x16
3.3
350
335TTA350M
100.477
37
8x20
3.3
450
335TTA450M
125.596
38
8x20
4.7
50
475TTA050M
35.274
36
5x12.5
4.7
100
475TTA100M
70.547
42
5x12.5
4.7
160
475TTA160M
70.547
39
8x16
4.7
250
475TTA250M
70.547
45
8x20
4.7
350
475TTA350M
70.547
50
8x20
4.7
450
475TTA450M
88.184
50
10x25
10
35
106TTA035M
19.894
47
5x12.5
10
50
106TTA050M
16.579
52
5x12.5
10
63
106TTA063M
16.579
56
5x12.5
10
100
106TTA100M
33.157
68
6.3x12.5
10
160
106TTA160M
33.157
63
8x20
10
250
106TTA250M
33.157
70
10x20
10
350
106TTA350M
33.157
90
12.5x25
10
450
106TTA450M
41.447
85
12.5x25
15
50
156TTA050M
11.052
70
5x12.5
22
16
226TTA016M
12.011
62
5x12.5
22
35
226TTA035M
9.043
72
5x12.5
22
50
226TTA050M
7.536
90
6.3x12.5
22
100
226TTA100M
15.072
145
8x16
22
160
226TTA160M
15.072
130
10x25
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
TTA
STANDARD PART LISTING
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
Dimension
D x L
(mm)
22
250
226TTA250M
15.072
140
12.5x25
22
350
226TTA350M
15.072
150
12.5x30
22
450
226TTA450M
18.839
150
16x30
33
25
336TTA025M
7.536
85
5x12.5
33
50
336TTA050M
5.024
115
6.3x16
33
100
336TTA100M
10.048
150
8x16
33
160
336TTA160M
10.048
170
12.5x25
33
250
336TTA250M
10.048
190
12.5x30
33
350
336TTA350M
10.048
210
16x31.5
33
450
336TTA450M
12.56
230
16x40
47
16
476TTA016M
5.947
95
5x12.5
47
25
476TTA025M
5.291
125
6.3x12.5
47
35
476TTA035M
4.233
125
6.3x16
47
50
476TTA050M
3.527
145
6.3x16
47
63
476TTA063M
3.527
170
8x16
47
100
476TTA100M
7.055
192
8x20
47
160
476TTA160M
5.197
225
12.5x30
47
250
476TTA250M
7.055
255
16x30
47
350
476TTA350M
7.055
290
16x40
47
450
476TTA450M
8.818
300
22x40
68
16
686TTA016M
4.145
150
6.3x16
68
35
686TTA035M
2.926
200
8x16
68
63
686TTA063M
2.438
250
8x20
100
10
107TTA010M
3.316
150
6.3x12.5
100
25
107TTA025M
2.487
180
6.3x16
100
35
107TTA035M
1.989
210
8x16
100
50
107TTA050M
1.658
230
8x16
100
63
107TTA063M
1.658
265
8x20
100
100
107TTA100M
3.316
345
10x25
100
160
107TTA160M
3.316
420
16x30
100
250
107TTA250M
3.316
430
16x40
100
350
107TTA350M
3.316
400
18x40
100
450
107TTA450M
4.145
500
22x50
150
25
157TTA025M
1.658
260
8x16
150
35
157TTA035M
1.326
270
8x20
150
50
157TTA050M
1.105
285
10x16
150
63
157TTA063M
1.105
310
10x20
150
100
157TTA100M
2.211
515
12.5x25
+ 85°C Standard Axial
Lead Aluminum
Electrolytic Capacitors
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
Dimension
D x L
(mm)
Capacitance
(µF)


Similar Part No. - 108TTA025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108TTA025M ILLINOISCAPACITOR-108TTA025M Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
108TTA025M ILLINOISCAPACITOR-108TTA025M Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
108TTA025M ILLINOISCAPACITOR-108TTA025M Datasheet
291Kb / 3P
   Axial lead - High voltage
108TTA025M ILLINOISCAPACITOR-108TTA025M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
108TTA025M ILLINOISCAPACITOR-108TTA025M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 108TTA025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
041ASH VISHAY-041ASH_V01 Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard, High Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com