Electronic Components Datasheet Search |
|
356PHC330KR Datasheet(PDF) 1 Page - Illinois Capacitor, Inc. |
|
356PHC330KR Datasheet(HTML) 1 Page - Illinois Capacitor, Inc. |
1 / 5 page -40˚C to +85˚C 3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com ® PHC Metallized Polypropylene Film Capacitors for Switching Circuits • Switching capacitor for industrial controls • Motor speed control • SMPS • High end audio • Resonant circuits • Induction heaters • High frequency electronic ballasts Operating Temperature Range Capacitance Tolerance +/- 10% at 1kHz, 20˚C Dissipation Factor (max) at 20˚C. Insulation Resistance @20˚C(<70% RH) for 1 minute at 100VDC Peak Current - IPEAK (Non-repetitive) Dielectric Strength 200% of rated WVDC for 10 seconds at 20°C between leads. 3KV at 60Hz for 60 seconds between leads and case. Self inductance <1nH/mm of body length and lead wire length. Capacitance drift <1.0% up to 40˚C after 2 years Temperature Coefficient -200ppm/˚C +/- 100ppm/˚C Life Expectancy ≥30,000 hours @VAC at 70°C Capacitance change (typical) -5% ≥100,000 hours @WVDC at 70°C Failure rate 300/billion component hours Dielectric Polypropylene Electrodes Vacuum deposited metal layers Construction Metallized film with internal series connections for VDC = 850VDC Leads Tinned copper wire leads. Coating Flame retardant polyester tape wrap (UL 510) with epoxy end fills (UL94V-0) 250 330 400 600 700 850 400 500 600 800 1000 1200 160 200 250 330 400 450 WVDC SVDC VAC Rated Voltage Freq (kHz) C ≤5µF 5µF<C ≤30µF C>30µF 1 .06% .1% .15% > 30,000M Ω x µF not to exceed 30,000M Ω IPEAK = 1.5*C*dv/dt Maximum 203 |
Similar Part No. - 356PHC330KR |
|
Similar Description - 356PHC330KR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |