Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-1629-29 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTR-1629-29
Description  DWDM GBIC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1629-29 Datasheet(HTML) 2 Page - Finisar Corporation.

  FTR-1629-29 Datasheet HTML 1Page - Finisar Corporation. FTR-1629-29 Datasheet HTML 2Page - Finisar Corporation. FTR-1629-29 Datasheet HTML 3Page - Finisar Corporation. FTR-1629-29 Datasheet HTML 4Page - Finisar Corporation. FTR-1629-29 Datasheet HTML 5Page - Finisar Corporation. FTR-1629-29 Datasheet HTML 6Page - Finisar Corporation. FTR-1629-29 Datasheet HTML 7Page - Finisar Corporation. FTR-1629-29 Datasheet HTML 8Page - Finisar Corporation. FTR-1629-29 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 2
Rev D, June 2003
PRODUCT SELECTION
Product Code
Frequency (THz)
Center Wavelength (nm)
FTR-1629-17
191.7
1563.86
FTR-1629-18
191.8
1563.05
FTR-1629-19
191.9
1562.23
FTR-1629-20
192.0
1561.42
FTR-1629-21
192.1
1560.61
FTR-1629-22
192.2
1559.79
FTR-1629-23
192.3
1558.98
FTR-1629-24
192.4
1558.17
FTR-1629-25
192.5
1557.36
FTR-1629-26
192.6
1556.55
FTR-1629-27
192.7
1555.75
FTR-1629-28
192.8
1554.94
FTR-1629-29
192.9
1554.13
FTR-1629-30
193.0
1553.33
FTR-1629-31
193.1
1552.52
FTR-1629-32
193.2
1551.72
FTR-1629-33
193.3
1550.92
FTR-1629-34
193.4
1550.12
FTR-1629-35
193.5
1549.32
FTR-1629-36
193.6
1548.51
FTR-1629-37
193.7
1547.72
FTR-1629-38
193.8
1546.92
FTR-1629-39
193.9
1546.12
FTR-1629-40
194.0
1545.32
FTR-1629-41
194.1
1544.53
FTR-1629-42
194.2
1543.73
FTR-1629-43
194.3
1542.94
FTR-1629-44
194.4
1542.14
FTR-1629-45
194.5
1541.35
FTR-1629-46
194.6
1540.56
FTR-1629-47
194.7
1539.77
FTR-1629-48
194.8
1538.98
FTR-1629-49
194.9
1538.19
FTR-1629-50
195.0
1537.40
FTR-1629-51
195.1
1536.61
FTR-1629-52
195.2
1535.82
FTR-1629-53
195.3
1535.04
FTR-1629-54
195.4
1534.25
FTR-1629-55
195.5
1533.47
FTR-1629-56
195.6
1532.68
FTR-1629-57
195.7
1531.90
FTR-1629-58
195.8
1531.12
FTR-1629-59
195.9
1530.33
FTR-1629-60
196.0
1529.55
FTR-1629-61
196.1
1528.77


Similar Part No. - FTR-1629-29

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-49 FINISAR-FTR-1621-49 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-51 FINISAR-FTR-1621-51 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-53 FINISAR-FTR-1621-53 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-55 FINISAR-FTR-1621-55 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
More results

Similar Description - FTR-1629-29

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com