Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-1629-48 Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FTR-1629-48
Description  DWDM GBIC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1629-48 Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FTR-1629-48 Datasheet HTML 2Page - Finisar Corporation. FTR-1629-48 Datasheet HTML 3Page - Finisar Corporation. FTR-1629-48 Datasheet HTML 4Page - Finisar Corporation. FTR-1629-48 Datasheet HTML 5Page - Finisar Corporation. FTR-1629-48 Datasheet HTML 6Page - Finisar Corporation. FTR-1629-48 Datasheet HTML 7Page - Finisar Corporation. FTR-1629-48 Datasheet HTML 8Page - Finisar Corporation. FTR-1629-48 Datasheet HTML 9Page - Finisar Corporation. FTR-1629-48 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FTR-1629-XX DWDM GBIC Preliminary Product Specification – June 2003
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 7
Rev D, June 2003
VI.
Wavelength Stabiliza tion
The laser transmitter will not be turned on until its temperature is adjusted to ensure
operation within the specified channel (X +/- 0.4nm). This temperature stabilization time
is dependent on the ambient temperature conditions, but will typically occur within 30
seconds of powering the GBIC. The device will transmit within the specified wavelength
tolerance (X +/- 0.1nm) within 5 seconds of transmitter operation.
VII. General Specifications
VIII.
Environmental Specifications
Note that the GBIC Specification requires an ambient temperature range of 0 to +60C.
Finisar FTR-1629-XX GBICs have an extended range from 0°C to +70°C case
temperature as specified in Table 8.
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Operating Temp
Top
0
70
°C
Case temperature measured on top-side of
device
Storage Temp
Tsto
-10
85
°C
Ambient temperature
Eye Safety
CDRH and IEC-825 Class 1 Laser
Product. See Note 1
Note 1: Complies with FDA performance standards for laser products except for deviations pursuant to
Laser Notice No. 50, dated July 26, 2001.
Table 8. Environmental Specifications
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Data Rate
BR
1.06
1.25
Gb/sec Fibre Channel, IEEE 802.3
compatible
Total System Budget
28
30
dB
@ 1.25 Gb/s, BER <10
-12 w/
PRBS 2
-7-1. See Note 1
Note 1: Total system budget is defined as Pout – Pin – typical connector losses.
Table 7. General Specifications


Similar Part No. - FTR-1629-48

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-49 FINISAR-FTR-1621-49 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-51 FINISAR-FTR-1621-51 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-53 FINISAR-FTR-1621-53 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-55 FINISAR-FTR-1621-55 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
More results

Similar Description - FTR-1629-48

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com