Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB400-05 Datasheet(PDF) 10 Page - Cooper Bussmann, Inc.

Part # TB400-05
Description  Double Row Terminal Blocks
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TB400-05 Datasheet(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button TB400-05 Datasheet HTML 2Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 3Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 4Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 5Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 6Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 7Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 8Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 9Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 10Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Accessories
MTMU##
Molded Marking Tape
Matte Finish
NUM##
Molded Markiing Tape
JU12
Jumper
12 Circuits
NUE
End Piece for NUC
NUC##
Cover
Series KU
Base Mount Double Row Terminal Blocks
SPECIFICATIONS
Rating: 60A, 600V*
Center Spacing: .625” (15.88 mm)
Number of Poles: 2-12
Wire Range: #6-22 AWG CU
Screw Size: #10-32 brass nickel plated
Torque Rating: 20 in-lb.
Distance Between Barriers: .437” (11.09 mm)
Mounting: Base mount. For 35mm DIN rail mountable,
add ND prefix
Material: Molded base: Black, UL rated 94V0
thermoplastic
Terminal plating: Nickel over brass
Operating Temperature: 105°C max.
Agency Information: UL/CSA; CE Certified
* 60A rating achieved with #6 copper wire crimped to ring terminal.
* Dimensions in inches. To convert to millimeters, multiply by 25.4.
Part Numbering System
Series
Poles
Screw Options
Covers
Marking Strip
KU
- standard block
02 to 12
00
- screws shipped bulk
WC - Top cover &
MT
- matte finish
KUH
- block
W
- brass washer head,
2 end plates
NU
- Numbered 1 to 12,
KUX
- short block
nickel plated
horizontal
KUSC
- standard w/shortring strap
P
- steel screw w/pressure plate
NUV - numbered 1 to 12,
& 4 shorting screws
zinc plated
vertical
KURL
- standard w/removable link
B
- brass washer head, no plating
PT
- marker strip for cover
KUXSC - short block w/shorting strap
BP - brass philslot, nickel plated
& 4 shorting screws
KUXRL - short block w/removable link
K U
Poles
02
03
04
05
06
07
08
09
10
11
12
A
2.50
3.12
3.75
4.37
5.00
5.62
6.25
6.87
7.50
8.12
8.75
KUX only
A
2.00
2.62
3.25
3.87
4.50
5.12
5.75
6.37
7.00
7.62
8.25
B
1.62
2.25
2.87
3.50
4.12
4.75
5.37
6.00
6.62
7.25
7.87
KU
1.25
(31.8)
A
B
#10 screw
clearance
.62
(15.9)
1.50
(38.1)
2.00
(50.8)
.43
(11.1)
.50
(12.7)
131


Similar Part No. - TB400-05

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB4005 TAITRON-TB4005 Datasheet
212Kb / 4P
   40A Bridge Rectifiers
More results

Similar Description - TB400-05

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
List of Unclassifed Man...
KU12 ETC2-KU12 Datasheet
74Kb / 1P
   Base Mount Double Row Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
289-965 WAGO-289-965 Datasheet
147Kb / 4P
   Interface module; 2xRJ-45; PCB terminal blocks, double-row
289-966 WAGO-289-966 Datasheet
152Kb / 5P
   Interface module; 2xRJ-45; PCB terminal blocks, double-row
23.11.2021
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
A2000 EATON-A2000 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
Eaton All Rights Reserv...
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com