Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A50110507 Datasheet(PDF) 9 Page - Cooper Bussmann, Inc.

Part # A50110507
Description  Single Row Terminal Blocks
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

A50110507 Datasheet(HTML) 9 Page - Cooper Bussmann, Inc.

Back Button A50110507 Datasheet HTML 5Page - Cooper Bussmann, Inc. A50110507 Datasheet HTML 6Page - Cooper Bussmann, Inc. A50110507 Datasheet HTML 7Page - Cooper Bussmann, Inc. A50110507 Datasheet HTML 8Page - Cooper Bussmann, Inc. A50110507 Datasheet HTML 9Page - Cooper Bussmann, Inc. A50110507 Datasheet HTML 10Page - Cooper Bussmann, Inc. A50110507 Datasheet HTML 11Page - Cooper Bussmann, Inc. A50110507 Datasheet HTML 12Page - Cooper Bussmann, Inc. A50110507 Datasheet HTML 13Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
MOUNTING
PLATE
;
MP
MP8
;
MT
;
;
.144 HOLE
w/.312 C' BORE
.375
.24
Options MP, MP8 & MT
MP Metal inserts with .150” dia. hole accept
#6 screw. MP8 Metal inserts with .187” dia.
hole accept #8-32 screw. MT Metal inserts
with tapped hole accept #6-32 screw.
Option DR
Counterbored holes across mount ends of
block enable fastening with two screws at
right angles to normal mount position.
Drilled Right Angle (A2, LP2 only)
Mounting Plates
;
STANDOFF
.300
Option SO
Standoff mounts are tubes molded to the
mounting positions. Available with insulator
bases only.
Retaining Clip
Standoffs
;
RETAINING CLIP
Option RC
Use on standoff tubes. Fit panels up to .125”
thick. Two clips for every five positions.
Supplied unassembled. Bulk Part No. H541.
Mounting Options
;
;
.32
.45
.15
.25
.04
Option AB
Angle brackets enable block to be fastened
at right angles to normal mount position.
Bulk part no. 2AB.
Angle Brackets (A2, LP2 only)
Right Angle Bends (A2, LP2 only)
Right angle terminals are offered on the A2000 & LP2000 Series.
Configurations are defined in these dimensions: X = pin extension beyond the
block base; Z = length from block base to centerline of the terminal tip.
Standard bends consist of the X and Z dimensions shown in the chart.
Specify by adding the selected Bend Option Code to the terminal part no.
X
Z
.82
X
Z
.55
07 Terminal Bend Configurations
04 Terminal Bend Configurations
Bend
Available
Option
X
Z
w/insulator
Code
(minimum)
base
R30
-.04
.28
No
R35
.01
.23
No
R36
.02
.22
No
R39
.05
.19
No
R42
.08
.16
No
R46
.12
.12
No
R48
.14
.10
No
R50
.16
.08
No
Bend
Available
Option
X
Z
w/insulator
Code
(minimum)
base
R30
-.04
.55
Yes
R35
.01
.50
Yes
R36
.02
.49
Yes
R42
.08
.43
Yes
R46
.12
.39
Yes
R50
.16
.35
No
R53
.19
.32
No
R66
.32
.19
No
R69
.35
.16
No
R75
.41
.10
No
R77
.43
.08
No
Dimensions in inches. To convert to millimeters, multiply by 25.4.
Series A2000 & LP2000
Single Row Terminal Blocks
Continued


Similar Part No. - A50110507

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A501 LITTELFUSE-A501 Datasheet
123Kb / 2P
   GAS DISCHARGE TUBE - 5x5mm
logo
List of Unclassifed Man...
A5016 ETC-A5016 Datasheet
155Kb / 2P
   Standby current for RS-422 repeater is less than3A
logo
MicroPower Direct, LLC
A501ERW MPD-A501ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
A501RHI MPD-A501RHI Datasheet
834Kb / 2P
   Very High Isolation, 5W Single & Dual Output DC/DC Converters
A501RU MPD-A501RU Datasheet
175Kb / 2P
   Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
More results

Similar Description - A50110507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
A2000 EATON-A2000 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com