Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A382208 Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # A382208
Description  Single Row Terminal Blocks
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

A382208 Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  A382208 Datasheet HTML 1Page - Cooper Bussmann, Inc. A382208 Datasheet HTML 2Page - Cooper Bussmann, Inc. A382208 Datasheet HTML 3Page - Cooper Bussmann, Inc. A382208 Datasheet HTML 4Page - Cooper Bussmann, Inc. A382208 Datasheet HTML 5Page - Cooper Bussmann, Inc. A382208 Datasheet HTML 6Page - Cooper Bussmann, Inc. A382208 Datasheet HTML 7Page - Cooper Bussmann, Inc. A382208 Datasheet HTML 8Page - Cooper Bussmann, Inc. A382208 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Series A1000 & CB1000
Single Row Terminal Blocks
Mounting Options
Inches (Millimeters)
X
Z
Bend
Option
X
Z
Code
(minimum)
R26 (04 terminal only)
.14
.09
R45 (07 terminal only)
.33
.09
MOUNTING
PLATE
;
MP
;
MT
;
;
.144 HOLE
w/.312 C' BORE
.325
.12
Options MP & MT
MP Metal inserts with .150” dia. hole
accept
#6 screw. MT Metal inserts with tapped
hole accept #6-32 screw.
Bulk Part Nos. 1MP & 1MT.
Option DR
Counterbored holes across mount ends of
block enable fastening with two screws at
right angles to normal mount position.
Drilled Right Angle (A1 only)
Mounting Plates
;
;
.320
.450
.150
.250
.04
Option AB
Angle brackets enable block to be fastened
at right angles to normal mount position.
Bulk part no. 1AB.
Angle Brackets (A1 only)
Right Angle Bends (A1 only)
Right angle terminals are offered on the A1000 Series. Configurations are
defined in these dimensions: X = pin extension beyond the block base;
Z = length from block base to centerline of the terminal tip. Standard bends
consist of the X and Z dimensions shown in the chart. Specify by adding the
selected Bend Option Code to the terminal part no.
Dimensions in inches. To convert to millimeters, multiply by 25.4.
5


Similar Part No. - A382208

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A38 MACOM-A38 Datasheet
85Kb / 1P
   10 TO 2000 MHz CASCADABLE AMPLIFIER
A38 MACOM-A38 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
A38 MA-COM-A38 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
A38 MA-COM-A38 Datasheet
644Kb / 3P
   Cascadable Amplifier 10 to 2000 MHz
logo
Eaton All Rights Reserv...
A38 EATON-A38 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
More results

Similar Description - A382208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
A2000 EATON-A2000 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com