Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A40110407 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # A40110407
Description  Single Row Terminal Blocks
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

A40110407 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  A40110407 Datasheet HTML 1Page - Cooper Bussmann, Inc. A40110407 Datasheet HTML 2Page - Cooper Bussmann, Inc. A40110407 Datasheet HTML 3Page - Cooper Bussmann, Inc. A40110407 Datasheet HTML 4Page - Cooper Bussmann, Inc. A40110407 Datasheet HTML 5Page - Cooper Bussmann, Inc. A40110407 Datasheet HTML 6Page - Cooper Bussmann, Inc. A40110407 Datasheet HTML 7Page - Cooper Bussmann, Inc. A40110407 Datasheet HTML 8Page - Cooper Bussmann, Inc. A40110407 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
®
MAGNUM
1.12 (28.4)
Quick Connects Blade Width .110” (For other orientations, contact factory.)
C4 (5C4) *
.56 (14.3)
S1 (5S1)
S2 (5S2)
Part Numbering System
Terminal Styles
Inches (Millimeters)
Screw Options
Wire ready screws standard on all terminal styles
Hardware Options (Bulk ordering part numbers are in parentheses.)
Series
Terminal Style
Base/End
Poles
Screw Options
Options
A5 - standard barrier
01 - handwired
1 - mount end
02 to 30
07 - steel SEMS
C1 to C8 - .110” QC
CB5 - closed barrier
02 - printed circuit
2 - barrier end
02 to 28 on mount
std. wire ready
L1 to L6 marking options (pg 22)
03 - non feed-thru
end base
LT1 to LT6 marking options (CB5 only-pg 22)
04 - wire wrap tail
OJ - over barrier jumper
S1 - single solder lug/flat
S2 - double solder lug/flat (A5 only)
.17
(4.3)
.045
(1.14)
.025
(.64)
.12
(3.0)
.50
(12.7)
.045
(1.14)
.025
(.64)
.12
(3.0)
04
Wire Wrap Tail
03
Non Feed-Thru
02
Circuit Board
07
Standard
Wire Ready
Jumpers
C1 (5C1) *
C2 (5C2) *
OJ12
C7 (5C7)
C8 (5C8)
* N/A on CB5 Series.
A 5
C B 5
Exit Rear (std.)
CB5 Terminal Exit Options
Inches (Millimeters)
.12
(3.0)
01
Handwired
.40
(10.2)
.10
(2.54)
.025
(.64)
.12
(3.0)
Solder Lugs
07
Steel SEMS
Zinc Plated
2


Similar Part No. - A40110407

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A4011 MACOM-A4011 Datasheet
105Kb / 1P
   1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
A4011 MACOM-A4011 Datasheet
375Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A4011 MA-COM-A4011 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A4011 MA-COM-A4011 Datasheet
633Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
A4011-SMA4011 MA-COM-A4011-SMA4011 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Similar Description - A40110407

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
A2000 EATON-A2000 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com