Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3126 Datasheet(PDF) 3 Page - ETAL Group

Part # P3126
Description  LINE MATCHING TRANSFORMER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3126 Datasheet(HTML) 3 Page - ETAL Group

  P3126 Datasheet HTML 1Page - ETAL Group P3126 Datasheet HTML 2Page - ETAL Group P3126 Datasheet HTML 3Page - ETAL Group P3126 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P3126
ETALDOC 501/4
Page 3 of 4
January 2001
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pin grid coincide within a tolerance circle of 0.6mmØ.
Windings may be used interchangeably as primary or secondary.
EN 50020 para 7.1.2 Type 1(a) (side-by-side on
separate slots of single piece moulding).
Fully vacuum encapsulated with hard epoxy resin
totally enclosing all internal parts.
Critical Distances
(a)
Distance through bobbin
dividing fillet.
≥1.0mm
(b)
Distance through bobbin
walls to conductive core
(Each winding).
≥0.5mm
(c)
Distance between highest
point of each winding
(including lead-outs) and
top of dividing fillet.
≥1.0mm
(d)
Distance between highest
point of each winding
(including lead-outs) to
conductive core through
encapsulant.
≥1.0mm
(e)
Distance through potting
box to conductive core.
≥0.7mm
(f)
Creepage/clearance (in
air).
≥11.0mm


Similar Part No. - P3126

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P312-001 TRIPPLITE-P312-001 Datasheet
156Kb / 2P
   3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 1-ft.
P312-001-2RA TRIPPLITE-P312-001-2RA Datasheet
157Kb / 2P
   3.5mm Mini Stereo Audio Cable with two Right Angle plugs (M/M), 1-ft.
P312-001-RA TRIPPLITE-P312-001-RA Datasheet
158Kb / 2P
   3.5mm Mini Stereo Audio Cable with one Right Angle plug (M/M), 1-ft.
P312-003 TRIPPLITE-P312-003 Datasheet
156Kb / 2P
   3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 3-ft.
P312-003-RA TRIPPLITE-P312-003-RA Datasheet
158Kb / 2P
   3.5mm Mini Stereo Audio Cable with one Right Angle plug (M/M), 3-ft.
More results

Similar Description - P3126

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P2001 ETAL-P2001 Datasheet
123Kb / 5P
   LINE MATCHING TRANSFORMER
P3034 ETAL-P3034 Datasheet
125Kb / 4P
   LINE MATCHING TRANSFORMER
P3324 ETAL-P3324 Datasheet
188Kb / 6P
   LINE MATCHING TRANSFORMER
P3189 ETAL-P3189 Datasheet
173Kb / 5P
   LINE MATCHING TRANSFORMER
P5122 ETAL-P5122 Datasheet
113Kb / 4P
   LINE MATCHING TRANSFORMER
P5100 ETAL-P5100 Datasheet
117Kb / 4P
   LINE MATCHING TRANSFORMER
P3800 ETAL-P3800 Datasheet
179Kb / 5P
   LINE MATCHING TRANSFORMER
P1200 ETAL-P1200 Datasheet
121Kb / 5P
   LINE MATCHING TRANSFORMER
P2602 ETAL-P2602 Datasheet
164Kb / 5P
   LINE MATCHING TRANSFORMER
logo
Rhombus Industries Inc.
T-30805 RHOMBUS-IND-T-30805 Datasheet
31Kb / 1P
   Line Matching Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com