Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3127 Datasheet(PDF) 3 Page - ETAL Group

Part # P3127
Description  PICK-OFF TRANSFORMER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3127 Datasheet(HTML) 3 Page - ETAL Group

  P3127 Datasheet HTML 1Page - ETAL Group P3127 Datasheet HTML 2Page - ETAL Group P3127 Datasheet HTML 3Page - ETAL Group P3127 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P3127
ETALDOC 502/5
Page 3 of 4
August 2001
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pin grid coincide within a tolerance circle of 0.6mmØ.
EN 50020 para 7.1.2 Type 1(a) (side-by-side on
separate slots of single piece moulding).
Fully vacuum encapsulated with hard epoxy resin
totally enclosing all internal parts.
Critical Distances
(a)
Distance through bobbin
dividing fillet.
≥1.0mm
(b)
Distance through bobbin
walls to conductive core
(Each winding).
≥0.5mm
(c)
Distance between highest
point of each winding
(including lead-outs) and
top of dividing fillet.
≥1.0mm
(d)
Distance between highest
point of each winding
(including lead-outs) to
conductive core through
encapsulant.
≥1.0mm
(e)
Distance through potting
box to conductive core.
≥0.7mm
(f)
Creepage/clearance (in
air).
≥11.0mm
Recommended Circuit
Fig 2
Through "loss" (including voltage ratio) 4.77dB plus less than 0.8dB
excluding effect of any DC bloc king c apacitor.
Response:
0.3dB 200Hz - 4kHz
±
Equivalent Circuit
Fig 1


Similar Part No. - P3127

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P312-001 TRIPPLITE-P312-001 Datasheet
156Kb / 2P
   3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 1-ft.
P312-001-2RA TRIPPLITE-P312-001-2RA Datasheet
157Kb / 2P
   3.5mm Mini Stereo Audio Cable with two Right Angle plugs (M/M), 1-ft.
P312-001-RA TRIPPLITE-P312-001-RA Datasheet
158Kb / 2P
   3.5mm Mini Stereo Audio Cable with one Right Angle plug (M/M), 1-ft.
P312-003 TRIPPLITE-P312-003 Datasheet
156Kb / 2P
   3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 3-ft.
P312-003-RA TRIPPLITE-P312-003-RA Datasheet
158Kb / 2P
   3.5mm Mini Stereo Audio Cable with one Right Angle plug (M/M), 3-ft.
More results

Similar Description - P3127

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P1727 ETAL-P1727 Datasheet
107Kb / 4P
   PICK-OFF TRANSFORMER
P2152 ETAL-P2152 Datasheet
159Kb / 4P
   PICK-OFF TRANSFORMER
P3190 ETAL-P3190 Datasheet
139Kb / 5P
   MICROPROFILE PICK-OFF TRANSFORMER
P2769 ETAL-P2769 Datasheet
143Kb / 5P
   MICROPROFILE PICK-OFF TRANSFORMER
logo
E&E Magnetic Products L...
825-00075 EEMAGNETIC-825-00075 Datasheet
34Kb / 3P
   TRANSFORMER, PICK-OFF, SMT,6 PIN, EXT. TEMP
logo
Marki Microwave
PT-0030 MARKIMICROWAVE-PT-0030 Datasheet
427Kb / 2P
   RESISTIVE PICK-OFF TEE
PT-0020 MARKIMICROWAVE-PT-0020 Datasheet
426Kb / 2P
   RESISTIVE PICK-OFF TEE
logo
TEKTRONIX, INC.
PSPL5370 TEKTRONIX-PSPL5370 Datasheet
601Kb / 6P
   Ultra-Broadband Pick-off Tee
logo
PHOENIX CONTACT
3047138 PHOENIX-3047138 Datasheet
80Kb / 6P
   Pick-off terminal block - AGK 4-UT 35
09/12/2020
logo
WECO ELECTRICAL CONNECT...
152-A-211 WECO-152-A-211 Datasheet
76Kb / 1P
   PCB connector Screw connection, interlocking, with test pick-off
10.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com