Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3356 Datasheet(PDF) 6 Page - ETAL Group

Part # P3356
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3356 Datasheet(HTML) 6 Page - ETAL Group

  P3356 Datasheet HTML 1Page - ETAL Group P3356 Datasheet HTML 2Page - ETAL Group P3356 Datasheet HTML 3Page - ETAL Group P3356 Datasheet HTML 4Page - ETAL Group P3356 Datasheet HTML 5Page - ETAL Group P3356 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
P3356
ETALDOC 591/11
Page 6 of 6
December 2005
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pin grid coincide within a tolerance circle of 0.6mmØ.
Windings may be used interchangeably as primary or secondary.
Total weight typically 6.3g.
ABSOLUTE MAXIMUM RATINGS
INTELLECTUAL PROPERTY RIGHTS
(Ratings of components independent of circuit).
Short term isolation voltage (1s)
DC current
Storage temperature
Lead temperature, 10s
2.12kVrms,
3.0 kVDC
100
μA
-40ºC to
+85ºC
260ºC
ETAL and P3356 are Trade Marks of Profec
Technologies Ltd.
The Trade Mark ETAL is registered at the UK
Trade Marks Registry.
Profec Technologies Ltd. is the owner of the
design right under the Copyright Designs and
Patents Act 1988 and no rights or licences are
hereby granted or implied to any third party.
British Patent No. 2333646.
USA Patent Nos. 6, 344, 787; 6,690,254
European Patent No. 1082734
China Patent No. ZL 99806739.3
UK Registered Design No. 2077360.
French Registered Design No. 991512.
United States Registered Design 426, 815.
Mexico Registered Design 12143
Other patents and registered designs pending.
© 1998 - 2005 Profec Technologies Ltd.
Reproduction prohibited.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
Connections
FM 25326
ISO 9001
E203175
Dimensions
e2


Similar Part No. - P3356

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3355 ETAL-P3355 Datasheet
167Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3357 ETAL-P3357 Datasheet
139Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
More results

Similar Description - P3356

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P5097 ETAL-P5097 Datasheet
108Kb / 4P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P5059 ETAL-P5059 Datasheet
135Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P5273 ETAL-P5273 Datasheet
100Kb / 4P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3302 ETAL-P3302 Datasheet
168Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3801 ETAL-P3801 Datasheet
178Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3410 ETAL-P3410 Datasheet
167Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3357 ETAL-P3357 Datasheet
139Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P5233 ETAL-P5233 Datasheet
169Kb / 6P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3311 ETAL-P3311 Datasheet
164Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P5056 ETAL-P5056 Datasheet
122Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com