Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54-00203 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # 54-00203
Description  Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54-00203 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  54-00203 Datasheet HTML 1Page - JDS Uniphase Corporation 54-00203 Datasheet HTML 2Page - JDS Uniphase Corporation 54-00203 Datasheet HTML 3Page - JDS Uniphase Corporation 54-00203 Datasheet HTML 4Page - JDS Uniphase Corporation 54-00203 Datasheet HTML 5Page - JDS Uniphase Corporation 54-00203 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dimensions Diagrams
2
2
54XX SERIES DIODE LASERS
(Specifications in inches [mm] unless otherwise noted.)
Standard Tolerances
inches: x.xx = ±0.02
mm: x.x = ±0.5
x.xxx = ±0.010
x.xx = ±0.25
Package Style: SOT-148 Window (G1)
0.10
(2.5)
0.05 (1.3)
Window: AR Coating, Both Surfaces
Thickness: 0.0100
±0.002
(0.25
±0.05)
0.26
Nom.
(6.6)
0.20
(5.1)
0.14 (3.5)
Laser Facet Depth
= 0.04 (1.0) Nom.
0.14 (3.6)
0.260
±0.005
(6.60
±0.13)
θ
θ
3
1
2
0.354
±0.005
(9.00
±0.13)
Laser
Output
Pinout
Pin
Description
1
Laser cathode (–)
2
Laser anode, MPD cathode
and case ground
3
Monitor photodiode anode (+)
Package Style: TO-56 Window (J1)
Pinout
Pin
Description
1
Laser cathode (–)
2
Laser anode, MPD cathode
and case ground
3
Monitor photodiode anode (+)
2
0.17
(4.2)
0.05 (1.3)
0.14
(3.6)
0.08
(2.0)
0.04
(1.0)
0.26
(6.5)
0.14
(3.6)
0.10 (2.4)
Window: AR Coating, Both Surfaces
Thickness: 0.010
±0.001
(0.25
±0.03)
Laser Facet Depth
= 0.05 (1.2) Nom.
θ
θ
3
1
Laser
Output


Similar Part No. - 54-00203

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
54-00203 JDSU-54-00203 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
More results

Similar Description - 54-00203

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD-520-50SG ROITHNER-LD-520-50SG Datasheet
520Kb / 3P
   Direct Emitting Green Laser Diode 520 nm 50 mW single Transverse Mode Structure: GaN
logo
JDS Uniphase Corporatio...
24-00135 JDSU-24-00135 Datasheet
546Kb / 11P
   Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
logo
OKI electronic componet...
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
   1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
logo
JDS Uniphase Corporatio...
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
logo
NXP Semiconductors
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
   High power dissipation (830 mW)
2001 Nov 19
logo
Micro Commercial Compon...
BZT52B3V0JS MCC-BZT52B3V0JS Datasheet
540Kb / 4P
   200 mW Zener Diode 3.0 to 75 Volts
BZT52C2V4S MCC-BZT52C2V4S_18 Datasheet
272Kb / 4P
   200 mW Zener Diode 2.4 to 56 Volts
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
UDZS36B MCC-UDZS36B Datasheet
458Kb / 5P
   200 mW Zener Diode 3.6 to 36 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com