Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54BCT244J Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54BCT244J
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54BCT244J Datasheet(HTML) 1 Page - Texas Instruments

  SN54BCT244J Datasheet HTML 1Page - Texas Instruments SN54BCT244J Datasheet HTML 2Page - Texas Instruments SN54BCT244J Datasheet HTML 3Page - Texas Instruments SN54BCT244J Datasheet HTML 4Page - Texas Instruments SN54BCT244J Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54BCT244, SN74BCT244
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS006E – OCTOBER 1987 – REVISED APRIL 1994
Copyright
© 1994, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
P-N-P Inputs Reduce DC Loading
ESD Protection Exceeds 2000 V
Per MIL-STD-883C, Method 3015
3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
Package Options Include Plastic
Small-Outline (DW) and Shrink
Small-Outline (DB) Packages, Ceramic Chip
Carriers (FK) and Flatpacks (W), and
Standard Plastic and Ceramic 300-mil DIPs
(J, N)
description
These octal buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters. Taken together with the
′BCT240
and
′BCT241, these devices provide the choice of
selected
combinations
of
inverting
and
noninverting outputs, symmetrical OE (active-low
output-enable) inputs, and complementary OE
and OE inputs.
The
′BCT244 is organized as two 4-bit buffers/line
drivers with separate output-enable (OE) inputs.
When OE is low, the device passes data from the
A inputs to the Y outputs. When OE is high, the
outputs are in the high-impedance state.
The SN54BCT244 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74BCT244 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
Y
L
H
H
L
LL
H
X
Z
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
SN54BCT244 ...J OR W PACKAGE
SN74BCT244 . . . DB OR DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54BCT244 . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54BCT244J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT244 TI-SN54BCT244 Datasheet
547Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT244 TI-SN54BCT244_07 Datasheet
547Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54BCT244J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com