Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2244N Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT2244N
Description  OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2244N Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74BCT2244N Datasheet HTML 2Page - Texas Instruments SN74BCT2244N Datasheet HTML 3Page - Texas Instruments SN74BCT2244N Datasheet HTML 4Page - Texas Instruments SN74BCT2244N Datasheet HTML 5Page - Texas Instruments SN74BCT2244N Datasheet HTML 6Page - Texas Instruments SN74BCT2244N Datasheet HTML 7Page - Texas Instruments SN74BCT2244N Datasheet HTML 8Page - Texas Instruments SN74BCT2244N Datasheet HTML 9Page - Texas Instruments SN74BCT2244N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-9074101M2A
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
5962-9074101MRA
ACTIVE
CDIP
J
20
1
TBD
Call TI
Level-NC-NC-NC
5962-9074101MSA
ACTIVE
CFP
W
20
1
TBD
Call TI
Level-NC-NC-NC
SN74BCT2244DW
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT2244DWE4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT2244DWR
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT2244DWRE4
ACTIVE
SOIC
DW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT2244N
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74BCT2244NSR
ACTIVE
SO
NS
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT2244NSRE4
ACTIVE
SO
NS
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54BCT2244FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54BCT2244J
ACTIVE
CDIP
J
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54BCT2244W
ACTIVE
CFP
W
20
1
TBD
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2005
Addendum-Page 1


Similar Part No. - SN74BCT2244N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2244N TI-SN74BCT2244N Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244N TI1-SN74BCT2244N Datasheet
699Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244NSR TI-SN74BCT2244NSR Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244NSR TI1-SN74BCT2244NSR Datasheet
699Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244NSRE4 TI1-SN74BCT2244NSRE4 Datasheet
699Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT2244N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT2240 TI-SN54BCT2240 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI-SN54ABT2240A Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244 TI-SN54ABT2244 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI1-SN54ABT2240A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI-SN54ABT2244A Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244_08 Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2240 TI1-SN54BCT2240_15 Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2241 TI-SN54ABT2241 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI1-SN54ABT2244A_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI1-SN54BCT2244_16 Datasheet
699Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com