Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC-162EYTY-H Datasheet(PDF) 7 Page - ZETTLER Electronics

Part # AC-162EYTY-H
Description  SPECIFICATIONS FOR LCD MODULE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-162EYTY-H Datasheet(HTML) 7 Page - ZETTLER Electronics

Back Button AC-162EYTY-H Datasheet HTML 3Page - ZETTLER Electronics AC-162EYTY-H Datasheet HTML 4Page - ZETTLER Electronics AC-162EYTY-H Datasheet HTML 5Page - ZETTLER Electronics AC-162EYTY-H Datasheet HTML 6Page - ZETTLER Electronics AC-162EYTY-H Datasheet HTML 7Page - ZETTLER Electronics AC-162EYTY-H Datasheet HTML 8Page - ZETTLER Electronics AC-162EYTY-H Datasheet HTML 9Page - ZETTLER Electronics AC-162EYTY-H Datasheet HTML 10Page - ZETTLER Electronics AC-162EYTY-H Datasheet HTML 11Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
-----Array type LED Back-light Characteristics -----
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Note
Forward Voltage
VF
--
--
4.05
4.3
V
Supply Voltage
between A&K
Forward Current
IF
VF=4.05V
--
260
--
mA
LCM Luminous intensity
VF=4.05V
--
35
--
cd/m2
A
K
* LED Dice number = 2
×26=52
----- EL Back-light Characteristics -----
Parameter
Min
Typ
Max
Unit
Note
Driving Voltage
--
110
--
Vrms
Frequency
--
400
--
Hz
LCM Luminous intensity
--
10
--
cd/m2
Date : 2001/12/12
AMPIRE CO., LTD.
7


Similar Part No. - AC-162EYTY-H

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
AC-1624A ACIPOWER-AC-1624A Datasheet
1Mb / 2P
   CCFL INVERTER
logo
List of Unclassifed Man...
AC-162A ETC1-AC-162A Datasheet
146Kb / 1P
   16 Chars x 2 Line 1/16 Duty
logo
ZETTLER Electronics
AC-162A ZETTLER-AC-162A Datasheet
389Kb / 19P
   SPECIFICATIONS FOR LCD MODULE
logo
List of Unclassifed Man...
AC-162B ETC-AC-162B Datasheet
378Kb / 19P
   LCD MODULE
logo
ZETTLER Electronics
AC-162B ZETTLER-AC-162B Datasheet
392Kb / 19P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - AC-162EYTY-H

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com