Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC-162DGUYH Datasheet(PDF) 11 Page - ZETTLER Electronics

Part # AC-162DGUYH
Description  SPECIFICATIONS FOR LCD MODULE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-162DGUYH Datasheet(HTML) 11 Page - ZETTLER Electronics

Back Button AC-162DGUYH Datasheet HTML 7Page - ZETTLER Electronics AC-162DGUYH Datasheet HTML 8Page - ZETTLER Electronics AC-162DGUYH Datasheet HTML 9Page - ZETTLER Electronics AC-162DGUYH Datasheet HTML 10Page - ZETTLER Electronics AC-162DGUYH Datasheet HTML 11Page - ZETTLER Electronics AC-162DGUYH Datasheet HTML 12Page - ZETTLER Electronics AC-162DGUYH Datasheet HTML 13Page - ZETTLER Electronics AC-162DGUYH Datasheet HTML 14Page - ZETTLER Electronics AC-162DGUYH Datasheet HTML 15Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Date : 2001/12/12
AMPIRE CO., LTD.
11
Read Operation
VDD=5V
VDD=3.3V
Item
Symbol
Min
Max
Min
Max
Unit
Enable cycle time
tcycE
500
--
1000
--
Enable pulse width
PWEH
230
--
450
--
Enable rise/fall time
tEr,tEf
--
20
--
25
Address set-up time
(RS, R/W to E)
tAS
40
--
60
--
Address hold time
tAH
10
--
20
--
Data delay time
tDDR
--
120
--
360
Data hold time
tDRH
5
--
5
--
ns


Similar Part No. - AC-162DGUYH

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
AC-1624A ACIPOWER-AC-1624A Datasheet
1Mb / 2P
   CCFL INVERTER
logo
List of Unclassifed Man...
AC-162A ETC1-AC-162A Datasheet
146Kb / 1P
   16 Chars x 2 Line 1/16 Duty
logo
ZETTLER Electronics
AC-162A ZETTLER-AC-162A Datasheet
389Kb / 19P
   SPECIFICATIONS FOR LCD MODULE
logo
List of Unclassifed Man...
AC-162B ETC-AC-162B Datasheet
378Kb / 19P
   LCD MODULE
logo
ZETTLER Electronics
AC-162B ZETTLER-AC-162B Datasheet
392Kb / 19P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - AC-162DGUYH

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com