Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4007 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 1N4007
Description  VOLTAGE 50V ~ 1000V 1.0 AMP Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N4007 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  1N4007 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N4007 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
1N4001 THRU 1N4007
VOLTAGE 50V ~ 1000V
1.0 AMP Silicon Rectifiers
DO-41
FEATURES
. RoHS Compliant Product
. Low Forward Voltage Drop
. High Current Capability
. High Reliability
. High Surge Current Capability
MECHANICAL DATA
. Case: Molded Plastic
. Epoxy: UL 94V-0 Rate Flame Retardant
. Lead: Axial Lead, Solder Able per MIL-STD-202,
Method 208 Guaranteed
. Polarity: Color Band Denotes Cathode End
. Mounting Position: Any
. Weight: 0.34 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current,
.375" (9.5mm) Lead Length at Ta=75
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-Wave Superimposed on Rated Load
(JEDEC method)
30
A
Maximum Instantaneous Forward Voltage at 1.0A
1.0
V
Maximum DC Reverse Current
Ta = 25
5.0
at Rated DC Blocking Voltage
Ta = 100
50
µA
Typical Junction Capacitance (Note1)
15
pF
Typical Thermal Resistance R JA (Note 2)
50
/ W
Operating and Storage Temperature Range TJ, TSTG
-65 ~ +175
NOTES:
1. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) Lead Length.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
DIA.
.107(2.7)
.080(2.0)
DIA.
01-Jun-2002 Rev. A
Page 1 of 2
A suffix of "-C" indicates halogen-free & RoHS Compliant


Similar Part No. - 1N4007

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
1N4007 KEXIN-1N4007 Datasheet
553Kb / 2P
   Rectifier Diodes
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4007 DIODES-1N4007 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
WILLAS ELECTRONIC CORP
1N4007 WILLAS-1N4007 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
More results

Similar Description - 1N4007

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4001G SECOS-1N4001G Datasheet
144Kb / 2P
   VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
1N5400 SECOS-1N5400 Datasheet
258Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0 AMP Silicon Rectifiers
1N5391 SECOS-1N5391 Datasheet
232Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5 AMP Silicon Rectifiers
TB151S SECOS-TB151S Datasheet
94Kb / 1P
   Voltage 50V ~ 1000V 1.5 Amp Silicon Bridge Rectifiers
TB2S SECOS-TB2S Datasheet
263Kb / 2P
   Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
   VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
KBP1005G SECOS-KBP1005G Datasheet
207Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
RL201G SECOS-RL201G Datasheet
221Kb / 2P
   Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
RS801G SECOS-RS801G Datasheet
101Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com