Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3934 Datasheet(PDF) 4 Page - ETAL Group

Part # P3934
Description  ADSL Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3934 Datasheet(HTML) 4 Page - ETAL Group

  P3934 Datasheet HTML 1Page - ETAL Group P3934 Datasheet HTML 2Page - ETAL Group P3934 Datasheet HTML 3Page - ETAL Group P3934 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P3934
ETALDOC 761/3
Page 4 of 4
January 2004
CERTIFICATION
COPYRIGHT
Certified by BSI to IEC 950:1991/A4:1996 (IEC CB
Test Certificate No. GB518W) sub-clauses 1.5,
1.5.1, 1.5.3, 2.2, 2.2.2, 2.2.3, 2.2.4, 2.9.2, 2.9.3,
2.9.4, 4.4, 4.4.3.2 (class V-0) and 5.3 for a
maximum working voltage of 250Vrms, nominal
mains supply voltage not exceeding 300Vrms and
a maximum operating temperature of +85ºC in
Pollution Degree 2 environments, supplementary
insulation,
clearance
greater
than
2.0mm,
creepage greater than 2.5mm, distance through
solid insulation greater than 0.4mm.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1, First Edition, maximum working voltage
250Vrms,
Pollution
Degree
2,
supplementary
insulation.
UL File number E203175
Additionally, Profec Technologies certifies all
transformers as providing voltage isolation of
2.12kVrms, 3kV DC minimum. All shipments are
supported by a Certificate of Conformity to current
applicable safety standards.
ETAL and P3934 are Trade Marks of Profec
Technologies Ltd.
The Trade Mark ETAL is registered at the UK
Trade Marks Registry.
Profec Technologies Ltd. is the owner of the
design right under the Copyright Designs and
Patents Act 1988 and no rights or licences are
hereby granted or implied to any third party.
© 2000 – 2004 Profec Technologies Ltd.
Reproduction prohibited.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
E203175


Similar Part No. - P3934

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3931 ETAL-P3931 Datasheet
133Kb / 4P
   ADSL Transformer
P3932 ETAL-P3932 Datasheet
134Kb / 4P
   ADSL Transformer
P3936 ETAL-P3936 Datasheet
134Kb / 4P
   ADSL Transformer
P3937 ETAL-P3937 Datasheet
133Kb / 4P
   ADSL Transformer
More results

Similar Description - P3934

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6644 FILTRAN-6644 Datasheet
68Kb / 1P
   ADSL Transformer
logo
XFMRS Inc.
XF0053A-EP13S XFMRS-XF0053A-EP13S Datasheet
75Kb / 1P
   ADSL TRANSFORMER
XF0709-AD23S XFMRS-XF0709-AD23S Datasheet
47Kb / 1P
   ADSL TRANSFORMER
XF0709-AD24S XFMRS-XF0709-AD24S Datasheet
43Kb / 1P
   ADSL TRANSFORMER
XF0709-AD25S XFMRS-XF0709-AD25S Datasheet
49Kb / 1P
   ADSL TRANSFORMER
XFADSL27A XFMRS-XFADSL27A Datasheet
63Kb / 1P
   ADSL TRANSFORMER
XFADSL33 XFMRS-XFADSL33 Datasheet
101Kb / 1P
   ADSL TRANSFORMER
XF0709-AD20S XFMRS-XF0709-AD20S_15 Datasheet
44Kb / 1P
   ADSL TRANSFORMER
XF2068T XFMRS-XF2068T_15 Datasheet
73Kb / 1P
   ADSL TRANSFORMER
XFADSL48S XFMRS-XFADSL48S_15 Datasheet
68Kb / 1P
   ADSL TRANSFORMER
XFADSL1S XFMRS-XFADSL1S Datasheet
61Kb / 1P
   ADSL TRANSFORMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com