Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA01220A Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FA01220A
Description  GaAs FET HYBRID IC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FA01220A Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FA01220A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FA01220A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FA01220A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FA01220A
MITSUBISHI SEMICONDUCTOR GaAs FET
GaAs FET HYBRID IC
Nov. ´97
IDt vs VD
VD(V)
3.0
3.8
4.0
800
500
600
700
3.2
3.4
3.6
VG=-2.5V
f=1453MHz
PO=30.5dBm
TYPICAL CHARACTERISTICS 2
Gain, ACP vs VD
VD(V)
3.0
3.8
4.0
25
10
15
20
3.2
3.4
3.6
ACP(-50kHz)
Gain
0
-20
-10
-30
-40
-50
-60
-70
VG=-2.5V
f=1453MHz
PO=30.5dBm
ACP(+50kHz)
ACP(-100kHz)
ACP(+100kHz)
EQUIVALENT CIRCUIT
1ST DRAIN
2ND DRAIN
RF OUTPUT
GND
RF INPUT
1ST GATE
2ND GATE
MATCHING
CIRCUIT
MATCHING
CIRCUIT
MATCHING
CIRCUIT


Similar Part No. - FA01220A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FA01215 MITSUBISHI-FA01215 Datasheet
15Kb / 2P
   GaAs FET HYBRID IC
FA01219A MITSUBISHI-FA01219A Datasheet
23Kb / 4P
   GaAs FET HYBRID IC
More results

Similar Description - FA01220A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FA01215 MITSUBISHI-FA01215 Datasheet
15Kb / 2P
   GaAs FET HYBRID IC
FA01384 MITSUBISHI-FA01384 Datasheet
184Kb / 7P
   GaAs FET HYBRID IC
FA01219A MITSUBISHI-FA01219A Datasheet
23Kb / 4P
   GaAs FET HYBRID IC
BA01207 MITSUBISHI-BA01207 Datasheet
27Kb / 1P
   GaAs HBT HYBRID IC
BA01203 MITSUBISHI-BA01203 Datasheet
56Kb / 1P
   GaAs HBT HYBRID IC(CDMA/AMPS handheld-phone)
BA01202 MITSUBISHI-BA01202 Datasheet
49Kb / 1P
   GaAs HBT HYBRID IC(N-CDMA hand set)
logo
Alpha Industries
AF002C1-39 ALPHA-AF002C1-39 Datasheet
43Kb / 4P
   GaAs IC Control FET Series DC-2.5 GHz
logo
Sanken electric
LC5511D SANKEN-LC5511D Datasheet
379Kb / 9P
   Hybrid IC
LC5521D SANKEN-LC5521D Datasheet
379Kb / 9P
   Hybrid IC
LC5523F SANKEN-LC5523F Datasheet
394Kb / 11P
   Hybrid IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com