Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-7402-660 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # 30-7402-660
Description  Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

30-7402-660 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  30-7402-660 Datasheet HTML 1Page - JDS Uniphase Corporation 30-7402-660 Datasheet HTML 2Page - JDS Uniphase Corporation 30-7402-660 Datasheet HTML 3Page - JDS Uniphase Corporation 30-7402-660 Datasheet HTML 4Page - JDS Uniphase Corporation 30-7402-660 Datasheet HTML 5Page - JDS Uniphase Corporation 30-7402-660 Datasheet HTML 6Page - JDS Uniphase Corporation 30-7402-660 Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
3000 SERIES PUMPS
Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Minimum
Maximum
Operating case temperature
Top
-
-5°C
75°C
Storage temperature
Tstg
2000 hours
-40°C
85°C
Laser operating temperature
TLD
-
0°C
50°C
LD reverse voltage
Vr
-
-
2.0 V
LD forward current
If_max
Unlimited time
-
1400 mA
LD current transient
1 µs maximum
-
1500 mA
LD reverse current
-
-
10 µA
PD reverse voltage
VPD
-
-
20 V
PD forward current
IPF
-
-
10 mA
Electrostatic discharge (ESD)
VESD
C = 100 pF, R = 1.5
Ω, human body model
-
1000 V
Cooler current
IC
-
-
4 A
Atmospheric pressure
Storage
-
11 kPa
Operating
-
58 kPa
Relative humidity
RH
Non condensing
5%
95%
Lead soldering time
260°C
-
10 seconds
Note: Each device is rated to a maximum kink-free current (Imax), provided on the individual datasheet. This is the maximum current under which the device will perform its intended function. Operation
above Imax, and up to the absolute maximum rating, may result in poor device performance, and degrade device reliability. Long-termoperation above Imax may lead to early device failure.
Operating Parameters
Product Code
Operating Power
Operating Current
Kink-Free Power
Kink-Free Current
Pop (mW)
Iop (mA)
Pmax (mW)
Imax (mA)
30-xxxx-500
450
1000
500
1100
30-xxxx-520
460
1020
520
1150
30-xxxx-540
480
1060
540
1200
30-xxxx-560
500
1100
560
1250
30-xxxx-580
520
1150
580
1300
30-xxxx-600
540
1200
600
1350
30-xxxx-620
560
1250
620
1400
30-xxxx-640
580
1250
640
1400
30-xxxx-660
600
1250
660
1400


Similar Part No. - 30-7402-660

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
30-7402-660-FL JDSU-30-7402-660-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results

Similar Description - 30-7402-660

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190-TE JDSU-27-7402-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com