Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7610-1704-330MT Datasheet(PDF) 2 Page - ETAL Group

Part # P7610-1704-330MT
Description  ULTRA LOW PROFILE POWER INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7610-1704-330MT Datasheet(HTML) 2 Page - ETAL Group

  P7610-1704-330MT Datasheet HTML 1Page - ETAL Group P7610-1704-330MT Datasheet HTML 2Page - ETAL Group P7610-1704-330MT Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P7610
ETALDOC 842/4
Page 2 of 3
July 2005
SPECIFICATIONS
Electrical
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
IRMS (A)
(2)
Isat (A)
(3)
P7610-1704-1R2M
1.2±20%
0.08
1.7
2.1
P7610-1704-1R5M
1.5±20%
0.10
1.5
1.9
P7610-1704-2R2M
2.2±20%
0.12
1.4
1.6
P7610-1704-3R3M
3.3±20%
0.16
1.2
1.3
P7610-1704-4R7M
4.7±20%
0.20
1.1
1.1
P7610-1704-6R8M
6.8±20%
0.32
0.85
0.90
P7610-1704-100M
10±20%
0.41
0.75
0.80
P7610-1704-150M
15±20%
0.55
0.60
0.65
P7610-1704-220M
22±20%
0.85
0.52
0.50
P7610-1704-330M
33±20%
1.3
0.42
0.40
P7610-1704-470M
47±20%
1.8
0.36
0.35
P7610-1704-680M
68±20%
2.5
0.30
0.30
P7610-1704-101M
100±20%
3.5
0.26
0.25
P7610-1704-151M
150±20%
5.0
0.21
0.18
P7610-1704-221M
220±20%
7.0
0.18
0.16
P7610-1704-331M
330±20%
15
0.13
0.13
Notes
1. Inductance measured at 100kHz, 100mV.
2. Rated Current, IRMS, is the current at which the temperature rise is 40ºC max.
3. Saturation Current, Isat, is the DC current at which the zero-current inductance drops by 10% max.
4. Operating temperature -25ºC to +85ºC.
5. For non-standard inductance values, please contact Profec.


Similar Part No. - P7610-1704-330MT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P761 ETC2-P761 Datasheet
120Kb / 1P
   SMP MALE HERMETIC SEAL THREAD-IN PANEL MOUNT TO STRAIGHT TERMINATION
logo
ETAL Group
P7611 ETAL-P7611 Datasheet
105Kb / 3P
   HIGH POWER INDUCTOR
P7611-1R0MT ETAL-P7611-1R0MT Datasheet
105Kb / 3P
   HIGH POWER INDUCTOR
P7611-2R2MT ETAL-P7611-2R2MT Datasheet
105Kb / 3P
   HIGH POWER INDUCTOR
P7611-4R7MT ETAL-P7611-4R7MT Datasheet
105Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7610-1704-330MT

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7606 ETAL-P7606 Datasheet
132Kb / 4P
   ULTRA LOW PROFILE POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MK ACCETEK-1MK Datasheet
276Kb / 3P
   Ultra-low profile Multilayer Power Inductor
logo
Abracon Corporation
ASPI-0310FS ABRACON-ASPI-0310FS Datasheet
1Mb / 3P
   ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.23.16
ASPI-0309 ABRACON-ASPI-0309 Datasheet
3Mb / 3P
   ULTRA LOW PROFILE UNSHIELDED SMD CHIP POWER INDUCTOR
03.24.11
logo
RENCO ELECTRONICS, INC.
RL-4017 RENCO-RL-4017 Datasheet
109Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-4012 RENCO-RL-4012 Datasheet
426Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-4013 RENCO-RL-4013 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
logo
Accetek Electronics (Sh...
1ME-H ACCETEK-1ME-H Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
logo
RENCO ELECTRONICS, INC.
RL-3010 RENCO-RL-3010 Datasheet
425Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-3015 RENCO-RL-3015 Datasheet
425Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com