Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7101-4532-3R9KT Datasheet(PDF) 5 Page - ETAL Group

Part # P7101-4532-3R9KT
Description  MOULDED WIREWOUND CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7101-4532-3R9KT Datasheet(HTML) 5 Page - ETAL Group

  P7101-4532-3R9KT Datasheet HTML 1Page - ETAL Group P7101-4532-3R9KT Datasheet HTML 2Page - ETAL Group P7101-4532-3R9KT Datasheet HTML 3Page - ETAL Group P7101-4532-3R9KT Datasheet HTML 4Page - ETAL Group P7101-4532-3R9KT Datasheet HTML 5Page - ETAL Group P7101-4532-3R9KT Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P7101
ETALDOC 846/4
Page 5 of 6
October 2007
5650 size (EIA 2220)
Part Number
(4)
Inductance
(µH)
Q min
Test frequency
(MHz)
(1)
SRF min
(MHz)
DCR (Ω)
Max
Rated Current
(2)
IDC (mA)
P7101-5650-1R0KT
1.0±10%
10
8
95
0.030
1800
P7101-5650-1R2KT
1.2±10%
10
8
70
0.035
1700
P7101-5650-1R5KT
1.5±10%
10
8
55
0.040
1600
P7101-5650-1R8KT
1.8±10%
10
8
47
0.050
1400
P7101-5650-2R2KT
2.2±10%
10
8
42
0.060
1300
P7101-5650-2R7KT
2.7±10%
10
8
37
0.070
1200
P7101-5650-3R3KT
3.3±10%
10
8
34
0.080
1120
P7101-5650-3R9KT
3.9±10%
10
8
32
0.090
1050
P7101-5650-4R7KT
4.7±10%
10
8
29
0.11
950
P7101-5650-5R6KT
5.6±10%
10
8
26
0.13
880
P7101-5650-6R8KT
6.8±10%
10
8
24
0.15
810
P7101-5650-8R2KT
8.2±10%
10
8
22
0.18
750
P7101-5650-100KT
10±10%
10
2.5
19
0.21
690
P7101-5650-120KT
12±10%
10
2.5
17
0.25
630
P7101-5650-150KT
15±10%
10
2.5
16
0.30
580
P7101-5650-180KT
18±10%
10
2.5
14
0.36
530
P7101-5650-220KT
22±10%
10
2.5
13
0.43
480
P7101-5650-270KT
27±10%
10
2.5
11.5
0.52
440
P7101-5650-330KT
33±10%
10
2.5
10.5
0.62
400
P7101-5650-390KT
39±10%
10
2.5
9.5
0.72
370
P7101-5650-470KT
47±10%
10
2.5
8.5
0.85
340
P7101-5650-560KT
56±10%
10
2.5
7.8
1.0
310
P7101-5650-680KT
68±10%
10
2.5
7.0
1.2
290
P7101-5650-820KT
82±10%
10
2.5
6.4
1.4
270
P7101-5650-101KT
100±10%
20
0.8
6.0
1.6
250
P7101-5650-121KT
120±10%
20
0.8
5.4
1.9
230
P7101-5650-151KT
150±10%
20
0.8
4.8
2.2
210
P7101-5650-181KT
180±10%
20
0.8
4.4
2.8
190
P7101-5650-221KT
220±10%
20
0.8
3.9
3.4
170
P7101-5650-271KT
270±10%
20
0.8
3.6
4.2
155
P7101-5650-331KT
330±10%
20
0.8
3.2
4.9
140
P7101-5650-391KT
390±10%
20
0.8
2.9
5.8
130
P7101-5650-471KT
470±10%
20
0.8
2.6
7.0
120
P7101-5650-561KT
560±10%
20
0.8
2.4
8.5
110
P7101-5650-681KT
680±10%
20
0.8
2.2
10
100
P7101-5650-821KT
820±10%
20
0.8
2.0
13
90
P7101-5650-102KT
1000±10%
20
0.25
1.8
15
85
P7101-5650-122JT
1200±5%
30
0.25
1.5
17
75
P7101-5650-152JT
1500±5%
30
0.25
1.4
20
70
P7101-5650-182JT
1800±5%
30
0.25
1.3
30
60
P7101-5650-222JT
2200±5%
30
0.25
1.2
35
55
P7101-5650-272JT
2700±5%
30
0.25
1.1
55
45
P7101-5650-332JT
3300±5%
30
0.25
1.0
60
40
P7101-5650-392JT
3900±5%
30
0.25
1.0
70
38
P7101-5650-472JT
4700±5%
30
0.25
0.9
78
36
P7101-5650-562JT
5600±5%
30
0.25
0.8
85
33
P7101-5650-682JT
6800±5%
30
0.25
0.7
110
30
P7101-5650-822JT
8200±5%
30
0.25
0.6
125
28
P7101-5650-103JT
10000±5%
20
0.08
0.5
150
25
Notes
1. Test frequency relates to measurement of inductance and Q.
2. Rated current, IDC, is the current at which the zero-current inductance drops by 10% (max) or
temperature rises by 20ºC (max).
3. Operating temperature -40ºC to +125ºC.
4. For non-standard inductance values, please contact Profec.


Similar Part No. - P7101-4532-3R9KT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P710006 TRIPPLITE-P710006 Datasheet
473Kb / 2P
   IEEE 1284 AA Straight Through Cable (DB25 M-M),6-ft
More results

Similar Description - P7101-4532-3R9KT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW160808_MDS BOURNS-CW160808_MDS Datasheet
57Kb / 1P
   Wirewound Chip Inductor
CC453232 BOURNS-CC453232 Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CW252016_MDS BOURNS-CW252016_MDS Datasheet
149Kb / 1P
   Wirewound Chip Inductor
logo
Stackpole Electronics, ...
LWW SEI-LWW Datasheet
414Kb / 12P
   Wirewound Ceramic Chip Inductor
1/3/2022
logo
Bourns Electronic Solut...
CMH322522 BOURNS-CMH322522 Datasheet
192Kb / 2P
   Shielded Wirewound Chip Inductor
logo
Welwyn Components Limit...
WSM WELWYN-WSM Datasheet
75Kb / 2P
   Moulded Surface Mount Wirewound Resistors
logo
Bourns Electronic Solut...
CM322522_MDS BOURNS-CM322522_MDS Datasheet
101Kb / 2P
   CM322522 Series Wirewound Chip Inductor
CM453232_MDS BOURNS-CM453232_MDS Datasheet
79Kb / 1P
   CM453232 Series Wirewound Chip Inductor
CM201212_MDS BOURNS-CM201212_MDS Datasheet
101Kb / 2P
   CM201212 Series Wirewound Chip Inductor
CM252016_MDS BOURNS-CM252016_MDS Datasheet
71Kb / 1P
   CM252016 Series Wirewound Chip Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com