Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7101-4532-4R7KT Datasheet(PDF) 6 Page - ETAL Group

Part # P7101-4532-4R7KT
Description  MOULDED WIREWOUND CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7101-4532-4R7KT Datasheet(HTML) 6 Page - ETAL Group

  P7101-4532-4R7KT Datasheet HTML 1Page - ETAL Group P7101-4532-4R7KT Datasheet HTML 2Page - ETAL Group P7101-4532-4R7KT Datasheet HTML 3Page - ETAL Group P7101-4532-4R7KT Datasheet HTML 4Page - ETAL Group P7101-4532-4R7KT Datasheet HTML 5Page - ETAL Group P7101-4532-4R7KT Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
P7101
ETALDOC 846/4
Page 6 of 6
October 2007
CONSTRUCTION
Dimensions shown are in millimetres
Terminal plating JESD97 Category = e3. Terminal strength 5N minimum.
Recommended reflow solder profile: 2 minutes @ 150-200ºC, 10 seconds @ 260ºC; time above 217ºC
60 seconds maximum.
ORDERING CODE
ABSOLUTE MAXIMUM RATINGS
Storage temperature
-40ºC to +125ºC
Operating temperature
-40ºC to +125ºC
Soldering temperature profile
peak
260ºC 10s
P7101-
-
T
Tape and Reel
Tolerance:
J = ±5%
K = ±10%
M = ±20%
See tabulated values for
correct tolerance
Inductance code
Size (3225, 4532 or 5650)
Type code
Handle
in
accordance
with
IPC/JEDEC
J-STD-033 procedure for components classified
as IPC/JEDEC J-STD-020 Moisture Sensitivity
Level 2.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
Fig. 1
P7101-3225 dimensions
3.2
±0.4
0.6 typ
PCBPATTERN
MARKING
INDUCTANCECODE
2.0
1.0
e3
Fig. 2
P7101-4532 dimensions
4.5
±0.3
1.0 typ
PCBPATTERN
MARKING
INDUCTANCECODE
AND TOLERANCE
3.0
1.5
e3
Fig. 3
P7101-5650 dimensions
5.6
±0.3
1.0 typ
PCBPATTERN
MARKING
INDUCTANCECODE
AND TOLERANCE
4.0
2.0
e3


Similar Part No. - P7101-4532-4R7KT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P710006 TRIPPLITE-P710006 Datasheet
473Kb / 2P
   IEEE 1284 AA Straight Through Cable (DB25 M-M),6-ft
More results

Similar Description - P7101-4532-4R7KT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW160808_MDS BOURNS-CW160808_MDS Datasheet
57Kb / 1P
   Wirewound Chip Inductor
CC453232 BOURNS-CC453232 Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CW252016_MDS BOURNS-CW252016_MDS Datasheet
149Kb / 1P
   Wirewound Chip Inductor
logo
Stackpole Electronics, ...
LWW SEI-LWW Datasheet
414Kb / 12P
   Wirewound Ceramic Chip Inductor
1/3/2022
logo
Bourns Electronic Solut...
CMH322522 BOURNS-CMH322522 Datasheet
192Kb / 2P
   Shielded Wirewound Chip Inductor
logo
Welwyn Components Limit...
WSM WELWYN-WSM Datasheet
75Kb / 2P
   Moulded Surface Mount Wirewound Resistors
logo
Bourns Electronic Solut...
CM322522_MDS BOURNS-CM322522_MDS Datasheet
101Kb / 2P
   CM322522 Series Wirewound Chip Inductor
CM453232_MDS BOURNS-CM453232_MDS Datasheet
79Kb / 1P
   CM453232 Series Wirewound Chip Inductor
CM201212_MDS BOURNS-CM201212_MDS Datasheet
101Kb / 2P
   CM201212 Series Wirewound Chip Inductor
CM252016_MDS BOURNS-CM252016_MDS Datasheet
71Kb / 1P
   CM252016 Series Wirewound Chip Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com