Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7605-3340-330M Datasheet(PDF) 4 Page - ETAL Group

Part # P7605-3340-330M
Description  POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7605-3340-330M Datasheet(HTML) 4 Page - ETAL Group

  P7605-3340-330M Datasheet HTML 1Page - ETAL Group P7605-3340-330M Datasheet HTML 2Page - ETAL Group P7605-3340-330M Datasheet HTML 3Page - ETAL Group P7605-3340-330M Datasheet HTML 4Page - ETAL Group P7605-3340-330M Datasheet HTML 5Page - ETAL Group P7605-3340-330M Datasheet HTML 6Page - ETAL Group P7605-3340-330M Datasheet HTML 7Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P7605
ETALDOC 835/2
Page 4 of 7
July 2005
2012 size
Part Number
Inductance
(µH)
(1)
DCR (Ω) Max
SRF (MHz)
(2)
Rated Current
IRMS (A)
(3)
Isat (A)
(4)
P7605-2012-3R3M
3.3±20%
0.030
50
3.7
7
P7605-2012-4R7M
4.7±20%
0.035
40
3.3
6
P7605-2012-6R8M
6.8±20%
0.05
30
2.7
5
P7605-2012-100M
10±20%
0.06
23
2.3
4
P7605-2012-150M
15±20%
0.08
20
2.1
3
P7605-2012-220M
22±20%
0.13
16
1.6
2.5
P7605-2012-330M
33±20%
0.18
12
1.3
2.0
P7605-2012-470M
47±20%
0.26
11
1.1
1.8
P7605-2012-680M
68±20%
0.35
9
1.0
1.5
P7605-2012-101M
100±20%
0.58
7
0.70
1.0
P7605-2012-151M
150±20%
0.75
5
0.60
0.9
P7605-2012-221M
220±20%
1.05
4
0.50
0.8
P7605-2012-331M
330±20%
1.60
3.5
0.45
0.6
Notes
1. Inductance measured at 100kHz, 100mV.
2. SRF (Self resonant Frequency) is typical and for reference only.
3. Rated current is the current at which the temperature rise is 40ºC typical.
4. Saturation Current, Isat, is the DC current at which the zero current inductance drops by 10% (typ).
5. Operating temperature -25ºC to +85ºC.
6. For non-standard inductance values, please contact Profec.
3308 size
Part Number
Inductance
(µH)
(1)
DCR (Ω) Max
SRF (MHz)
(2)
Rated Current
IRMS (A)
(3)
Isat (A)
(4)
P7605-3308-100M
10±20%
0.11
35
2.0
2.4
P7605-3308-150M
15±20%
0.15
33
1.5
2.0
P7605-3308-220M
22±20%
0.23
25
1.3
1.6
P7605-3308-330M
33±20%
0.30
19
1.1
1.4
P7605-3308-470M
47±20%
0.39
14
0.8
1.0
P7605-3308-680M
68±20%
0.66
12
0.7
0.9
P7605-3308-101M
100±20%
0.84
10
0.6
0.7
P7605-3308-151M
150±20%
1.2
8
0.5
0.6
P7605-3308-221M
220±20%
1.9
6
0.4
0.5
P7605-3308-331M
330±20%
2.7
5
0.3
0.4
P7605-3308-471M
470±20%
4.0
4
0.2
0.3
P7605-3308-681M
681±20%
5.3
3
0.1
0.2
P7605-3308-102M
1000±20%
8.4
2.5
0.05
0.1
Notes
1. Inductance measured at 100kHz, 100mV.
2. SRF (Self resonant Frequency) is typical and for reference only.
3. Rated current is the current at which the temperature rise is 30ºC typical.
4. Saturation Current, Isat, is the DC current at which the zero current inductance drops by 10% (typ).
5. Operating temperature -25ºC to +105ºC.
6. For non-standard inductance values, please contact Profec.


Similar Part No. - P7605-3340-330M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7605-3340-330M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com