Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C16 Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # BZX55C16
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

BZX55C16 Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  BZX55C16 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd BZX55C16 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd BZX55C16 Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
SILICON PLANAR POWER ZENER DIODES
Zener Voltage range
1)
Dynamic recsistance
Reverse
leakage
current
Max. Zener
Current
Vznom
IZT
for
VZT
rZJT
3)
IZM @ TA
IR
2)
at
VR
IZM @ TA
4)
TYPE
V
mA
V
2)
mA
Ω
mA
µA
V
mA
BZX55C2V4
2.4
5
2.28
2.56
85
600
1
50
1
155
BZX55C2V7
2.7
5
2.5
2.9
85
600
1
10
1
135
BZX55C3V0
3.0
5
2.8
3.2
85
600
1
4
1
125
BZX55C3V3
3.3
5
3.1
3.5
85
600
1
2
1
115
BZX55C3V6
3.6
5
3.4
3.8
85
600
1
2
1
105
BZX55C3V9
3.9
5
3.7
4.1
85
600
1
2
1
95
BZX55C4V3
4.3
5
4.0
4.6
75
600
1
1.0
1
90
BZX55C4V7
4.7
5
4.4
5.0
60
600
1
0.5
1
85
BZX55C5V1
5.1
5
4.8
5.4
35
550
1
0.1
1
80
BZX55C5V6
5.6
5
5.2
6.0
25
450
1
0.1
1
70
BZX55C6V2
6.2
5
5.8
6.6
10
200
1
0.1
2
64
BZX55C6V8
6.8
5
6.4
7.2
8.0
150
1
0.1
3
58
BZX55C7V5
7.5
5
7.0
7.9
7.0
50
1
0.1
5
53
BZX55C8V2
8.2
5
7.7
8.7
7.0
50
1
0.1
6.2
47
BZX55C9V1
9.1
5
8.5
9.6
10
50
1
0.1
6.8
43
BZX55C10
10
5
9.4
10.6
15
70
1
0.1
7.5
40
BZX55C11
11
5
10.4
11.6
20
70
1
0.1
8.2
36
BZX55C12
12
5
11.4
12.7
20
90
1
0.1
9.1
32
BZX55C13
13
5
12.4
14.1
26
110
1
0.1
10
29
BZX55C15
15
5
13.8
15.6
30
110
1
0.1
11
27
BZX55C16
16
5
15.3
17.1
40
170
1
0.1
12
24
BZX55C18
18
5
16.8
19.1
50
170
1
0.1
13
21
BZX55C20
20
5
18.8
21.2
55
220
1
0.1
15
20
BZX55C22
22
5
20.8
23.3
55
220
1
0.1
16
18
BZX55C24
24
5
22.8
25.6
80
220
1
0.1
18
16
BZX55C27
27
5
25.1
28.9
80
220
1
0.1
20
14
BZX55C30
30
5
28
32
80
220
1
0.1
22
13
BZX55C33
33
5
31
35
80
220
1
0.1
24
12
BZX55C36
36
5
34
38
80
220
1
0.1
27
11
BZX55C39
39
2.5
37
41
90
500
0.5
0.1
30
10
BZX55C43
43
2.5
40
46
90
600
0.5
0.1
33
9.2
BZX55C47
47
2.5
44
50
110
700
0.5
0.1
36
8.5
BZX55C51
51
2.5
48
54
125
700
0.5
0.1
39
7.8
BZX55C56
56
2.5
52
60
135
1000
0.5
0.1
43
7
BZX55C62
62
2.5
58
66
150
1000
0.5
0.1
47
6.4
BZX55C68
68
2.5
64
72
200
1000
0.5
0.1
51
5.9
BZX55C75
75
2.5
70
79
250
1500
0.5
0.1
56
5.3
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - BZX55C16

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BZX55C16 KEXIN-BZX55C16 Datasheet
1Mb / 3P
   Zener Diodes
logo
Vishay Siliconix
BZX55C16 VISHAY-BZX55C16 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Microdiode Electronics ...
BZX55C16 CHENDA-BZX55C16 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
First Components Intern...
BZX55C16 FCI-BZX55C16 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Shenzhen Luguang Electr...
BZX55C16 LUGUANG-BZX55C16 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C16

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com