Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR301G Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # FR301G
Description  FAST RECOVERY PLASTIC RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

FR301G Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  FR301G Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
FR301G THRU FR307G
FAST RECOVERY PLASTIC RECTIFIER
VOLTAGE:50-1000V
CURRENT:3.0A
FEATURES
·Fast switching
·Low leakage
·Low forward voltage drop
·High current capability
·High surge capability
·High reliability
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 1.18 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FR301G FR302G FR303GFR304GFR305GFR306G FR307G
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward rectified Current
at TA=75°C
Io
3.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
125
A
Maximum Instantaneous forward Voltage at 3.0A
DC
VF
1.3
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage TA=25°C
10
Maximum Full Load Reverse Current Full Cycle
Average,.375
”(9.5mm) lead length at T
L=55°C
IR
150
µA
Maximum Reverse Recovery Time (Note 1)
trr
150
250
500
nS
Typical Junction Capacitance (Note 2)
CJ
65
pF
Notes:
1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0 volts
DO-27
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.335(8.5)
.220(5.6)
.187(5.0) DIA.
.052(1.3)
.048(1.2) DIA.
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - FR301G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR301G RECTRON-FR301G Datasheet
238Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR301G CHENDA-FR301G Datasheet
699Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
FR301G DAESAN-FR301G Datasheet
316Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
FR301G LUGUANG-FR301G Datasheet
178Kb / 2P
   3.0 AMP. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FR301G

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
1F1 CHONGQING-1F1 Datasheet
40Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Pan Jit International I...
BA157 PANJIT-BA157_04 Datasheet
48Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Chongqing Pingwei Enter...
BA157G CHONGQING-BA157G Datasheet
38Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Pan Jit International I...
1N4942 PANJIT-1N4942_09 Datasheet
69Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Comchip Technology
1N4933 COMCHIP-1N4933 Datasheet
39Kb / 2P
   Plastic Fast Recovery Rectifier
logo
Chongqing Pingwei Enter...
FR2A CHONGQING-FR2A Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR201G CHONGQING-FR201G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR201 CHONGQING-FR201 Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR601 CHONGQING-FR601 Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
RS1A CHONGQING-RS1A Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com