Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7607-0605-391M Datasheet(PDF) 1 Page - ETAL Group

Part # P7607-0605-391M
Description  SHIELDED POWER INDUCTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7607-0605-391M Datasheet(HTML) 1 Page - ETAL Group

  P7607-0605-391M Datasheet HTML 1Page - ETAL Group P7607-0605-391M Datasheet HTML 2Page - ETAL Group P7607-0605-391M Datasheet HTML 3Page - ETAL Group P7607-0605-391M Datasheet HTML 4Page - ETAL Group P7607-0605-391M Datasheet HTML 5Page - ETAL Group P7607-0605-391M Datasheet HTML 6Page - ETAL Group P7607-0605-391M Datasheet HTML 7Page - ETAL Group P7607-0605-391M Datasheet HTML 8Page - ETAL Group P7607-0605-391M Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ETALDOC 839/4
Page 1 of 11
December 2006
PRODUCT DATA SHEET
SHIELDED POWER INDUCTOR
P7607 Family
Features
Applications
∗ Lead-free (Pb-free)
∗ DC-DC Converters
∗ RoHS compliant
∗ High Current/Low Voltage Converters
∗ Magnetic Shielding
∗ Notebook and handheld equipment
∗ High Current (to 5A)
∗ Hard Disk drives
∗ Low DCR (to 19mΩ)
∗ Low profile (2.5 - 5mm)
∗ Wide range (1µH – 1000µH)
∗ Surface Mount
∗ Flat top for pick & place
DESCRIPTION
The P7607 family comprises high current, shielded
power inductors.
Components are available in eight mechanical
sizes and offer compact solutions for applications
requiring high energy storage.
Three PCB footprints are provided and height is
available as low as 2.5mm (0602 size).
All sizes cover a wide range of values spanning
three decades (1µH – 1000µH).
The family provides reliable Pb-free terminations.
Parts are compliant with RoHS Directive
2002/95/EC, and suitable for Pb-free and
conventional placement and reflow.
P7607-0603
P7607-0604
P7607-0605
P7607-0703
P7607-0705
P7607-1003
P7607-1004
P7607-0602


Similar Part No. - P7607-0605-391M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7607-0605-391M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com