Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7101-5650-102KT Datasheet(PDF) 4 Page - ETAL Group

Part # P7101-5650-102KT
Description  MOULDED WIREWOUND CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7101-5650-102KT Datasheet(HTML) 4 Page - ETAL Group

  P7101-5650-102KT Datasheet HTML 1Page - ETAL Group P7101-5650-102KT Datasheet HTML 2Page - ETAL Group P7101-5650-102KT Datasheet HTML 3Page - ETAL Group P7101-5650-102KT Datasheet HTML 4Page - ETAL Group P7101-5650-102KT Datasheet HTML 5Page - ETAL Group P7101-5650-102KT Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P7101
ETALDOC 846/4
Page 4 of 6
October 2007
4532 size (EIA 1812)
Part Number
(4)
Inductance
(µH)
Q min
Test frequency
(MHz)
(1)
SRF min
(MHz)
DCR (Ω)
Max
Rated Current
(2)
IDC (mA)
P7101-4532-R10MT
0.10±20%
35
25
300
0.18
800
P7101-4532-R12MT
0.12±20%
35
25
280
0.20
770
P7101-4532-R15MT
0.15±20%
35
25
250
0.22
730
P7101-4532-R18MT
0.18±20%
35
25
220
0.24
700
P7101-4532-R22MT
0.22±20%
40
25
200
0.25
665
P7101-4532-R27MT
0.27±20%
40
25
180
0.26
635
P7101-4532-R33MT
0.33±20%
40
25
165
0.28
605
P7101-4532-R39MT
0.39±20%
40
25
150
0.30
575
P7101-4532-R47MT
0.47±20%
40
25
145
0.32
545
P7101-4532-R56MT
0.56±20%
40
25
140
0.36
520
P7101-4532-R68MT
0.68±20%
40
25
135
0.40
500
P7101-4532-R82MT
0.82±20%
40
25
130
0.45
475
P7101-4532-1R0KT
1.0±10%
50
8
100
0.50
450
P7101-4532-1R2KT
1.2±10%
50
8
80
0.55
430
P7101-4532-1R5KT
1.5±10%
50
8
70
0.60
410
P7101-4532-1R8KT
1.8±10%
50
8
60
0.65
390
P7101-4532-2R2KT
2.2±10%
50
8
55
0.70
380
P7101-4532-2R7KT
2.7±10%
50
8
50
0.75
370
P7101-4532-3R3KT
3.3±10%
50
8
45
0.80
355
P7101-4532-3R9KT
3.9±10%
50
8
40
0.90
330
P7101-4532-4R7KT
4.7±10%
50
8
35
1.0
315
P7101-4532-5R6KT
5.6±10%
50
8
33
1.1
300
P7101-4532-6R8KT
6.8±10%
50
8
27
1.2
285
P7101-4532-8R2KT
8.2±10%
50
8
25
1.4
270
P7101-4532-100KT
10±10%
50
2.5
20
1.6
250
P7101-4532-120KT
12±10%
50
2.5
18
2.0
225
P7101-4532-150KT
15±10%
50
2.5
17
2.5
200
P7101-4532-180KT
18±10%
50
2.5
15
2.8
190
P7101-4532-220KT
22±10%
50
2.5
13
3.2
180
P7101-4532-270KT
27±10%
50
2.5
12
3.6
170
P7101-4532-330KT
33±10%
50
2.5
11
4.0
160
P7101-4532-390KT
39±10%
50
2.5
10
4.5
150
P7101-4532-470KT
47±10%
50
2.5
10
5.0
140
P7101-4532-560KT
56±10%
50
2.5
9.0
5.5
135
P7101-4532-680KT
68±10%
50
2.5
9.0
6.0
130
P7101-4532-820KT
82±10%
50
2.5
8.0
7.0
120
P7101-4532-101KT
100±10%
40
0.8
8.0
8.0
110
P7101-4532-121KT
120±10%
40
0.8
6.0
8.0
110
P7101-4532-151KT
150±10%
40
0.8
5.0
9.0
105
P7101-4532-181KT
180±10%
40
0.8
5.0
9.5
102
P7101-4532-221KT
220±10%
40
0.8
4.0
10
100
P7101-4532-271KT
270±10%
40
0.8
4.0
12
92
P7101-4532-331KT
330±10%
40
0.8
3.0
14
85
P7101-4532-391KT
390±10%
40
0.8
3.0
18
80
P7101-4532-471KT
470±10%
40
0.8
3.0
26
62
P7101-4532-561KT
560±10%
40
0.8
3.0
30
50
P7101-4532-681KT
680±10%
40
0.8
3.0
30
50
P7101-4532-821KT
820±10%
40
0.8
2.5
35
30
P7101-4532-102KT
1000±10%
20
0.25
2.5
40
30
Notes
1. Test frequency relates to measurement of inductance and Q.
2. Rated current, IDC, is the current at which the zero-current inductance drops by 10% (max) or
temperature rises by 20ºC (max).
3. Operating temperature -40ºC to +125ºC.
4. For non-standard inductance values, please contact Profec.


Similar Part No. - P7101-5650-102KT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P710006 TRIPPLITE-P710006 Datasheet
473Kb / 2P
   IEEE 1284 AA Straight Through Cable (DB25 M-M),6-ft
More results

Similar Description - P7101-5650-102KT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW160808_MDS BOURNS-CW160808_MDS Datasheet
57Kb / 1P
   Wirewound Chip Inductor
CC453232 BOURNS-CC453232 Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CW252016_MDS BOURNS-CW252016_MDS Datasheet
149Kb / 1P
   Wirewound Chip Inductor
logo
Stackpole Electronics, ...
LWW SEI-LWW Datasheet
414Kb / 12P
   Wirewound Ceramic Chip Inductor
1/3/2022
logo
Bourns Electronic Solut...
CMH322522 BOURNS-CMH322522 Datasheet
192Kb / 2P
   Shielded Wirewound Chip Inductor
logo
Welwyn Components Limit...
WSM WELWYN-WSM Datasheet
75Kb / 2P
   Moulded Surface Mount Wirewound Resistors
logo
Bourns Electronic Solut...
CM322522_MDS BOURNS-CM322522_MDS Datasheet
101Kb / 2P
   CM322522 Series Wirewound Chip Inductor
CM453232_MDS BOURNS-CM453232_MDS Datasheet
79Kb / 1P
   CM453232 Series Wirewound Chip Inductor
CM201212_MDS BOURNS-CM201212_MDS Datasheet
101Kb / 2P
   CM201212 Series Wirewound Chip Inductor
CM252016_MDS BOURNS-CM252016_MDS Datasheet
71Kb / 1P
   CM252016 Series Wirewound Chip Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com