Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7603-1204-120M Datasheet(PDF) 8 Page - ETAL Group

Part # P7603-1204-120M
Description  SHIELDED POWER INDUCTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7603-1204-120M Datasheet(HTML) 8 Page - ETAL Group

Back Button P7603-1204-120M Datasheet HTML 3Page - ETAL Group P7603-1204-120M Datasheet HTML 4Page - ETAL Group P7603-1204-120M Datasheet HTML 5Page - ETAL Group P7603-1204-120M Datasheet HTML 6Page - ETAL Group P7603-1204-120M Datasheet HTML 7Page - ETAL Group P7603-1204-120M Datasheet HTML 8Page - ETAL Group P7603-1204-120M Datasheet HTML 9Page - ETAL Group P7603-1204-120M Datasheet HTML 10Page - ETAL Group P7603-1204-120M Datasheet HTML 11Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
P7603
ETALDOC 832/5
Page 8 of 11
November 2005
1205 size
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
Rated Current IDC (A)
(2)
P7603-1205-1R5Y
1.5±25%
12
8.0
P7603-1205-2R2Y
2.2±25%
14
7.0
P7603-1205-3R1Y
3.1±25%
17
6.0
P7603-1205-4R4Y
4.4±25%
20
5.0
P7603-1205-5R2Y
5.2±25%
21
4.4
P7603-1205-7R5Y
7.5±25%
24
4.2
P7603-1205-100M
10±20%
25
4.0
P7603-1205-120M
12±20%
27
3.5
P7603-1205-150M
15±20%
30
3.3
P7603-1205-180M
18±20%
34
3.0
P7603-1205-220M
2±20%
36
2.8
P7603-1205-270M
27±20%
51
2.3
P7603-1205-330M
33±20%
57
2.1
P7603-1205-390M
39±20%
68
2.0
P7603-1205-470M
47±20%
75
1.8
P7603-1205-560M
56±20%
110
1.7
P7603-1205-680M
68±20%
120
1.5
P7603-1205-820M
82±20%
140
1.4
P7603-1205-101M
100±20%
160
1.3
P7603-1205-121M
120±20%
170
1.1
P7603-1205-151M
150±20%
230
1.0
P7603-1205-181M
180±20%
290
0.90
P7603-1205-221M
220±20%
400
0.80
P7603-1205-271M
270±20%
460
0.75
P7603-1205-331M
330±20%
510
0.68
P7603-1205-391M
390±20%
690
0.65
P7603-1205-471M
470±20%
770
0.58
P7603-1205-561M
560±20%
860
0.54
P7603-1205-681M
680±20%
1200
0.48
P7603-1205-821M
820±20%
1340
0.43
P7603-1205-102M
1000±20%
1530
0.40
Notes
1. Inductance measured at 1kHz, 1V (<10µH, 100kHz).
2. Rated current, IDC, is the current at which the temperature rise is 40ºC (max) or the DC current at which
the zero-current inductance drops by 20%, whichever current is less.
3. Operating temperature -25ºC to +85ºC.
4. For non-standard inductance values, please contact Profec.


Similar Part No. - P7603-1204-120M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7603-1204-120M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com