Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7603-1207-5R6Y Datasheet(PDF) 11 Page - ETAL Group

Part # P7603-1207-5R6Y
Description  SHIELDED POWER INDUCTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7603-1207-5R6Y Datasheet(HTML) 11 Page - ETAL Group

Back Button P7603-1207-5R6Y Datasheet HTML 3Page - ETAL Group P7603-1207-5R6Y Datasheet HTML 4Page - ETAL Group P7603-1207-5R6Y Datasheet HTML 5Page - ETAL Group P7603-1207-5R6Y Datasheet HTML 6Page - ETAL Group P7603-1207-5R6Y Datasheet HTML 7Page - ETAL Group P7603-1207-5R6Y Datasheet HTML 8Page - ETAL Group P7603-1207-5R6Y Datasheet HTML 9Page - ETAL Group P7603-1207-5R6Y Datasheet HTML 10Page - ETAL Group P7603-1207-5R6Y Datasheet HTML 11Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
P7603
ETALDOC 832/5
Page 11 of 11
November 2005
Dimensions shown are in millimetres
Terminal plating JESD97 category = e2 or e3 as shown.
Recommended reflow solder profile: 2 minutes @ 150-200ºC, 10 seconds @ 260ºC; time above 217ºC
60 seconds maximum.
ORDERING CODE
ABSOLUTE MAXIMUM RATINGS
Storage temperature
-40ºC to
+125ºC
Operating temperature
-25ºC to
+85ºC
Soldering temperature profile peak 260ºC 10s
P7603-
-
T
Tape and Reel
Tolerance:
K = ±10%
L = ±15%
M = ±20%
Y = ±25% (1205), ±30% (1207),
See tabulated values for correct
tolerance
Inductance code
Size (0603, 0605, 0703, 0704, 1203,
1204, 1205 or 1207)
Type code
Handle
in
accordance
with
IPC/JEDEC
J-STD-033
procedure
for
components
classified as IPC/JEDEC J-STD-020 Moisture
Sensitivity Level 2.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
PCBPATTERN
7.0
2.8
12.5± 0.3
MARKING
INDUCTANCECODE
7.6
typ
2.3
typ
2.3
typ
Fig. 7
P7603-1205 dimensions
e3
PCBPATTERN
7.0
2.8
12.5± 0.3
MARKING
INDUCTANCECODE
7.6
typ
2.3
typ
2.3
typ
Fig. 8
P7603-1207 dimensions
e3


Similar Part No. - P7603-1207-5R6Y

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7603-1207-5R6Y

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com