Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54CBT16212AWD Datasheet(PDF) 9 Page - Texas Instruments

Part # SN54CBT16212AWD
Description  24-BIT FET BUS-EXCHANGE SWITCHES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54CBT16212AWD Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54CBT16212AWD Datasheet HTML 5Page - Texas Instruments SN54CBT16212AWD Datasheet HTML 6Page - Texas Instruments SN54CBT16212AWD Datasheet HTML 7Page - Texas Instruments SN54CBT16212AWD Datasheet HTML 8Page - Texas Instruments SN54CBT16212AWD Datasheet HTML 9Page - Texas Instruments SN54CBT16212AWD Datasheet HTML 10Page - Texas Instruments SN54CBT16212AWD Datasheet HTML 11Page - Texas Instruments SN54CBT16212AWD Datasheet HTML 12Page - Texas Instruments SN54CBT16212AWD Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN54CBT16212AWD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBT16212A TI-SN54CBT16212A Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI1-SN54CBT16212A Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
More results

Similar Description - SN54CBT16212AWD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
logo
Renesas Technology Corp
HD74CBT16212A RENESAS-HD74CBT16212A Datasheet
124Kb / 13P
   24-bit FET Bus-Exchange Switches
logo
Texas Instruments
SN54CBT16209 TI-SN54CBT16209_07 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383 Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383_06 Datasheet
348Kb / 14P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI-SN54CBT16209 Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI1-SN54CBT16209_15 Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com