Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7609-105-331K Datasheet(PDF) 11 Page - ETAL Group

Part # P7609-105-331K
Description  POWER INDUCTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7609-105-331K Datasheet(HTML) 11 Page - ETAL Group

Back Button P7609-105-331K Datasheet HTML 3Page - ETAL Group P7609-105-331K Datasheet HTML 4Page - ETAL Group P7609-105-331K Datasheet HTML 5Page - ETAL Group P7609-105-331K Datasheet HTML 6Page - ETAL Group P7609-105-331K Datasheet HTML 7Page - ETAL Group P7609-105-331K Datasheet HTML 8Page - ETAL Group P7609-105-331K Datasheet HTML 9Page - ETAL Group P7609-105-331K Datasheet HTML 10Page - ETAL Group P7609-105-331K Datasheet HTML 11Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
P7609
ETALDOC 841/4
Page 11 of 11
December 2006
Dimensions shown are in millimetres.
Terminals are electroplated tin (Sn) over nickel (Ni) barrier over silver (Ag) base. JESD97 category = e3.
Recommended reflow solder profile: 2 minutes @ 150-200ºC, 10 seconds @ 260ºC; time above 217ºC
60 seconds maximum.
ORDERING CODE
ABSOLUTE MAXIMUM RATINGS
Storage temperature
-40ºC to
+125ºC
Operating temperature
-25ºC to
+85ºC
Soldering temperature profile peak 260ºC 10s
P7609-
-
T
Tape and Reel
Tolerance:
K = (±10%)
M = (±20%)
See tabulated values for correct
tolerance
Inductance code
Size :
(032, 043, 052, 054, 073, 075, 104,
105)
Type code
Handle
in
accordance
with
IPC/JEDEC
J-STD-033
procedure
for
components
classified as IPC/JEDEC J-STD-020 Moisture
Sensitivity Level 2.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
Fig. 7
P7609-104 dimensions
2.5
3.8
10.0
±0.3
PCBPATTERN
MARKING
INDUCTANCECODE
e3
Fig. 8
P7609-105 dimensions
2.5
3.8
10.0
±0.4
PCBPATTERN
MARKING
INDUCTANCECODE
e3


Similar Part No. - P7609-105-331K

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7609-105-331K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com