Electronic Components Datasheet Search |
|
SCG05F10054-27XB Datasheet(PDF) 3 Page - JDS Uniphase Corporation |
|
SCG05F10054-27XB Datasheet(HTML) 3 Page - JDS Uniphase Corporation |
3 / 9 page 3 BENCHTOP/RACKMOUNT PROGRAMMABLE SWITCHES Parameter1 Single Common Multiple Common Multiple Common C Configuration D Configuration E and F Configurations Typical Maximum Typical Maximum Typical Maximum Insertion loss (IL) Single-mode (SM) 0.4 dB 0.7 dB 0.4 dB 0.7 dB 0.5 dB 1.0 dB Multimode (MM) 0.4 dB 0.7 dB 0.4 dB 0.7 dB 0.5 dB 1.0 dB Return loss (RL)2 SM standard/analog > 65 dB 60/65 dB > 65 dB 60/65 dB 65 dB 60 dB MM3 standard/analog 25/35 dB 20/30 dB 25/35 dB 20/30 dB > 25 dB 20 dB Polarization dependent loss (PDL) SM 0.02 dB 0.05 dB 0.02 dB 0.05 dB 0.03 dB 0.07 dB IL stability4 ± 0.03 dB ± 0.05 dB ± 0.03 dB ± 0.05 dB ± 0.03 dB ± 0.05 dB Repeatability5 Sequential switching ± 0.003 dB ± 0.005 dB ± 0.005 dB ± 0.01 dB ± 0.005 dB ± 0.01 dB Random switching ± 0.01 dB ± 0.025 dB ± 0.02 dB ± 0.04 dB ± 0.02 dB ± 0.04 dB Crosstalk (maximum) SM -80 dB Maximum input power (optical) 300 mW Lifetime > 80 million cycles Switching time One channel 300 ms Each additional channel 12 ms Power supply 100 to 240 V, 50 to 60 Hz Power consumption 100 V A maximum Control Local and remote via GPIB and serial RS-232 interfaces Drivers for external switch modules Four open collector drivers with maximum 100 mA sink current Operation temperature 0 to 55 °C Storage temperature - 40 to 70 °C Humidity maximum 95 % RH from 0 to 55 °C non-condensing Dimensions (W x H x D) 21.2 x 8.9 x 35.5 cm with rackmount kit (optional)6 48.3 x 8.9 x 35.5 cm Weight 3.75 kg 1. Excluding connectors. All optical measurements taken after temperature has been stabilized for one hour, at ambient (room) conditions. 2. RL specification based on 1 m pigtail length. 3. Values shown for 62.5 µm diameter maximum fiber core. 4. Drift of any channel relative to reference channel at ± 3 °C deviation of ambient temperature over a seven-day period. 5. Measured between two consecutive readings over 100 cycles. 6. ED000899-A-00 standard rackmount kit, ED000899-A-01 Japan rackmount kit. Requires two kits to mount two units side-by-side. Please specify part number when ordering (if needed). SB Model Specifications |
Similar Part No. - SCG05F10054-27XB |
|
Similar Description - SCG05F10054-27XB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |