Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-35A Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # SPM-35A
Description  Selective Level Meters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SPM-35A Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  SPM-35A Datasheet HTML 1Page - JDS Uniphase Corporation SPM-35A Datasheet HTML 2Page - JDS Uniphase Corporation SPM-35A Datasheet HTML 3Page - JDS Uniphase Corporation SPM-35A Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
3
Inputs
Frequency range
SPM-32A
50 Hz to 620 kHz
SPM-33A/-34A/-35A
50 Hz to 2 MHz
SPM-36A
50 Hz to 3.5 MHz
Coaxial input
Versacon 9 Universal Connector
(Fitted with the Versacon 9
75
Ω basic connector and BNC insert.
Other types of insert – see Versacon data sheet
– should be ordered with the device.)
Input impedance, selectable
75
Ω,high impedance
Balanced input
Connectors
Normally CF but see ordering information
Input impedance, selectable
75
Ω,150 Ω*,600 Ω,
high impedance
*135
Ω for BN 4033/02,/12 and /37
Signal balance ratio to ITU-T O.9
f
≤620 kHz,
signal balance
≥40 dB
Frequency
Frequency setting
Numeric via keypad, in steps, resolution
1 Hz
Quasi-analog with up/down keys
Automatic search (adjustable threshold)
AFC
Frequency display
LCD, 7 digits
Error limits for tuning frequency
±3 ppm of set frequency
±1 Hz
Level and Voltage Measurements
Level display
Digital display, max. resolution
0.01 dB
Quasi-analog bargraph detects signal trends
Display range
Intrinsic spurious noise up to max. test level (dBm), battery
power
Input
Selective
Wideband
Coaxial 75
< –120(1) to +20 dBm
< –50 to +20 dBm
Balanced 75
Ω to 150 Ω
< –105(1) to +20 dBm
< –50 to +20 dBm
Balanced 600
< –110(1) to +10 dBm
< –60 to +10 dBm
Voltage
< 8
µV(1) to 3.8 V
1
µV to 3.8 V
(1) For a bandwidth of 25 Hz, f
≥10 kHz; bal.75 Ω :–100 dBm
Error limits of the level display
For Zin= Zout= Z0, after calibration, with noise averaging, MAX.HOLD off, battery mode, includes rounding errors
Intrinsic error and variation with level at 10 kHz and (23 ±3) °C (table values in dB)
Variation of level display with frequency
referred to 10 kHz, the input level being
≥40 dB above the intrinsic noise level (table values in dB)
Bandwidth selectable
Nominal value
25 Hz; 1.74 (1.95)* kHz; 3.1 kHz *BN 4033/02, /12, /37
Harmonic ratio ak2, ak3, for level
≤ –10 dBm
For fundamentals
≥2 kHz
>60 dB
Demodulator
Single sideband demodulation
Integral loudspeaker, volume adjustable
Memory
Storage of
100 user-programmable setups, 100 results
SPM-32A/-33A/-34A/-35A/-36A SELECTIVE LEVEL METERS
Bal., all bandwidths
Bandwidths > 100 Hz
100 Hz bandwidth
25 Hz bandwidth
±0.4
±0.4
±0.4
±0.6
±0.9
+20
Level range/dBm
(75, 135, 150 Ω)
Level range/dBm, dB
(600 Ω)
00
–70
–80
–90
–100
+20
–80
–90
–100
–110
±0.1
±0.3
±0.3
Coaxial
50 Hz
Frequency range
100 Hz
620 kHz
1.62 MHz
2 MHz
3 MHz
3.5 MHz
±0.6
±0.3
±0.3
±0.5
±0.6
±0.7
±0.9
±0.5
±0.6
±0.7
±0.9
±0.4
±0.6
±0.7
±0.8
±1.0
Coaxial
Z0 = 75 Ω
Z0 = 75
to 150
Z0 = 600 Ω
Balanced
Balanced


Similar Part No. - SPM-35A

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-3102AG OPTOWAY-SPM-3102AG Datasheet
143Kb / 4P
   3.3V / 1310 nm / 125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AG OPTOWAY-SPM-3102AG Datasheet
147Kb / 5P
   3.3V / 1310 nm / 125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AG OPTOWAY-SPM-3102AG Datasheet
147Kb / 5P
   125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AWG OPTOWAY-SPM-3102AWG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 125 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AWG OPTOWAY-SPM-3102AWG Datasheet
148Kb / 5P
   3.3V / 1310 nm / 125 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results

Similar Description - SPM-35A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
American Electronic Com...
DG71 AEC-DG71 Datasheet
380Kb / 3P
   Utility meters
logo
Sciosense B.V.
AS6040 SCIOSENSE-AS6040 Datasheet
3Mb / 213P
   Ultrasonic Flow Meters for Gas Meters
v2 2020-Aug-26
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L_15 Datasheet
1Mb / 13P
   Smart meters
logo
Extech Instruments Corp...
EA31 EXTECH-EA31_15 Datasheet
209Kb / 1P
   EasyView??Light Meters
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
Hamamatsu Corporation
C6080 HAMAMATSU-C6080 Datasheet
141Kb / 2P
   UV Power METERS
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com