Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1019-00-1190 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # 1019-00-1190
Description  Stealth Digital Analyzer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

1019-00-1190 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  1019-00-1190 Datasheet HTML 1Page - JDS Uniphase Corporation 1019-00-1190 Datasheet HTML 2Page - JDS Uniphase Corporation 1019-00-1190 Datasheet HTML 3Page - JDS Uniphase Corporation 1019-00-1190 Datasheet HTML 4Page - JDS Uniphase Corporation 1019-00-1190 Datasheet HTML 5Page - JDS Uniphase Corporation 1019-00-1190 Datasheet HTML 6Page - JDS Uniphase Corporation 1019-00-1190 Datasheet HTML 7Page - JDS Uniphase Corporation 1019-00-1190 Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Hum measurement: in-service
Measuring hum on a channel (non-scrambled) is as simple as pressing the
“HUM” key and since the instrument is battery powered, the measurement is
independent of ground loops, therefore isolated from the line (mains). Hum
reveals itself as either single (60 Hz) or double (120 Hz) horizontal bars across the
video screen. The level of either can be measured.
Modulation measurement
Includes NTSC, PAL, and SECAM formats. Demodulation of the audio is done for
both AM and FM. FM is used to hear audio distortion on the FM radio channels
or the sound of the TV program. AM is used to recognize short-wave interference
signals in the reverse band.
Extensive automated test capability
Automated tests can be scheduled to perform either 24-hour FCC compliance
tests, or initiated immediately to log performance at individual nodes, amplifiers
or other testpoints. A wide range of tests can be performed automatically,
including signal levels, C/N, hum and depth of modulation. The operator desig-
nates which tests to perform on which channels. Because these tests are non-
intrusive, it is easy to test all parameters on all channels at any time.
After a test is performed, the results can be displayed on the SDA screen. A
pass/fail indication can be set on a variety of limits for FCC/CENELEC or other
government standards, or to system preferences. Data taken during any auto-
mated test, or sequence of automated tests, can be viewed immediately with a
pass/fail indication for each of the limits. Specific stored measurement results may
be viewed on demand. Automated test results can be printed directly to a serial
printer or uploaded to a PC using StealthWare to store and include in custom
reports.
Data analysis with StealthWare
Any stored SDA measurement information can be uploaded to a PC using
StealthWare, a Microsoft® Windows®-based data management package. Stored
sweep, scan, or spectrum screens can be viewed on the PC and analyzed with
marker movement and readout information in just the same way as on the actual
instrument. A sweep graph overlay function enables comparison of multiple RF
response variations over time. StealthWare also allows the operator to build
channel plans and edit site locations, which can be downloaded to multiple SDA
instruments. Additionally, channel plans can be uploaded to the PC, modified in
StealthWare, and then downloaded back to the SDA instrument.
Upgrading the SDA-4040D to the SDA-5000
The JDSU upgrade program is designed to protect customers’ investment in test
equipment. As system requirements change, the SDA-4040D can be upgraded to
the SDA-5000 for forward and reverse sweep capabilities at any of JDSU
worldwide service centers, and model SAM-4040D owners can upgrade to the
SDA-4040D with an in-the-field firmware change only.
4
SDA-4040D STEALTH DIGITAL ANALYZER
The Navigator user interface, common on all JDSU
SDA meters
The single-channel level display shows both video and
audio levels (either single or dual sound/NICAM) and
the difference between the two
Digital channel average power measurements can be
made using the digiCheck™ feature
Tilt mode performs automatic tilt calculations
between any two of nine designated carriers


Similar Part No. - 1019-00-1190

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
1019-00-1190 JDSU-1019-00-1190 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
More results

Similar Description - 1019-00-1190

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SDA-5000 JDSU-SDA-5000 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
logo
Agilent(Hewlett-Packard...
N2100B HP-N2100B Datasheet
504Kb / 4P
   Digital Communication Analyzer
logo
TEKTRONIX, INC.
DSA8300 TEKTRONIX-DSA8300 Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
logo
List of Unclassifed Man...
DSA8300 ETC2-DSA8300 Datasheet
1,017Kb / 26P
   Digital Serial Analyzer Sampling Oscilloscope
logo
Fairchild Semiconductor
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   Stealth Rectifier
FFPF08S60S FAIRCHILD-FFPF08S60S Datasheet
131Kb / 5P
   Stealth 2 Rectifier
FFH30S60S FAIRCHILD-FFH30S60S Datasheet
252Kb / 5P
   Stealth 2 Rectifier
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
135Kb / 5P
   Stealth 2 Rectifier
FFP30S60S FAIRCHILD-FFP30S60S Datasheet
238Kb / 5P
   STEALTH II Rectifier
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com