Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1019-00-1329 Datasheet(PDF) 8 Page - JDS Uniphase Corporation

Part # 1019-00-1329
Description  Stealth Digital Analyzer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

1019-00-1329 Datasheet(HTML) 8 Page - JDS Uniphase Corporation

  1019-00-1329 Datasheet HTML 1Page - JDS Uniphase Corporation 1019-00-1329 Datasheet HTML 2Page - JDS Uniphase Corporation 1019-00-1329 Datasheet HTML 3Page - JDS Uniphase Corporation 1019-00-1329 Datasheet HTML 4Page - JDS Uniphase Corporation 1019-00-1329 Datasheet HTML 5Page - JDS Uniphase Corporation 1019-00-1329 Datasheet HTML 6Page - JDS Uniphase Corporation 1019-00-1329 Datasheet HTML 7Page - JDS Uniphase Corporation 1019-00-1329 Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NORTH AMERICA
TEL
: 1 866 228 3762
FAX
: +1 301 353 9216
All statements, technical information and recommendations related to the products herein are based upon informa-
tion believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no
responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with
the use of a product or its application. JDSU reserves the right to change at any time without notice the design,
specifications, function, fit or form of its products described herein, including withdrawal at any time of a product
offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual
property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of
JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2007 JDS Uniphase
Corporation. All rights reserved. 30137235 501 0707
SDA4040D.DS.CAB.TM.AE
Test & Measurement Regional Sales
LATIN AMERICA
TEL
: +55 11 5503 3800
FAX
: +55 11 5505 1598
ASIA PACIFIC
TEL
: +852 2892 0990
FAX
: +852 2892 0770
EMEA
TEL
: +49 7121 86 2222
FAX
: +49 7121 86 1222
www.jdsu.com/test
SDA-4040D STEALTH DIGITAL ANALYZER
Specifications
8
Ordering information
Model SDA-4040D
1010-00-0471
Digital/Analog HFC Analyzer
Includes: Extended-life nickel metal hydride battery, universal charger/AC adapter, canvas carrying case and operator’s manual.
Options
1019-00-1290
SDA-OPT3A
PathTrak Field View interoperation for model SDA-4040D (requires PathTrak HCU)
QAM View
SDA-OPT4A/B
QAM View digital analysis including 64/256 Constellation, MER, Pre/Post FEC BER, and exclusive
QAM ingress under the carrier feature. Please specify OPT version 4A or 4B when Ordering (see below part numbers)
1019-00-1287
SDA-OPT4A
64/256 QAM, DVB-C, ITU-T J.83 Annex A (8 MHz)
1019-00-1288
SDA-OPT4B
64/256 QAM, DVS-031, ITU-T J.83 Annex B (6 MHz)
1019-00-1288
SDA-OPT5
BNC connectors replace standard F type connectors
1010-00-0340
StealthWare
Windows™-compatible data management software for all SDA, Stealth, MicroStealth, and CLI products
SDA-4040D QAM Pack
SDA 4040D
Stealth Digital Analyzer Package including QAM View Option SDA-OPT4/B
1013-00-0006
SDA 4040D with SDA-OPT4A (8MHz)
1013-00-0005
SDA 4040D with SDA-OPT4B (6MHz)
Optional accessories
1019-00-1298
SDA-CASE1
Replacement soft carrying case for all SDA instruments without QAM View option installed.
Compatible with standard and extended life batteries
1019-00-1369
SDA-QAMCASE
Replacement soft carrying case for all SDA instruments with QAM View option installed
1019-00-1190
SDA-NIMH
Spare extended life battery
1019-00-1195
SDA-NIMCA
Universal charger/AC adapter for extended-life nickel metal hydride battery
1012-00-0057
SDA-NIMK
Extended life battery kit. Includes extended life battery, universal charger/AC adapter,
and soft carrying case (SDA-CASE1) (for upgrading units without QAM View Option)
1019-00-1329
CBC-2
In-vehicle charger for SDA NiMH extended life battery only utilizing standard
12V DC automotive accessory port
continued
32
30
28
26
24
22
36
34
20
20
22
24
26
28
32
36
30
34
38
MER Accuracy
Worse case condition, 64 QAM, Annex A, 6.89 MSPS
MER Reading (DB)
Upper limit
Lower limit


Similar Part No. - 1019-00-1329

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
1019-00-1329 JDSU-1019-00-1329 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
More results

Similar Description - 1019-00-1329

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SDA-5000 JDSU-SDA-5000 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
logo
Agilent(Hewlett-Packard...
N2100B HP-N2100B Datasheet
504Kb / 4P
   Digital Communication Analyzer
logo
TEKTRONIX, INC.
DSA8300 TEKTRONIX-DSA8300 Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
logo
List of Unclassifed Man...
DSA8300 ETC2-DSA8300 Datasheet
1,017Kb / 26P
   Digital Serial Analyzer Sampling Oscilloscope
logo
Fairchild Semiconductor
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   Stealth Rectifier
FFPF08S60S FAIRCHILD-FFPF08S60S Datasheet
131Kb / 5P
   Stealth 2 Rectifier
FFH30S60S FAIRCHILD-FFH30S60S Datasheet
252Kb / 5P
   Stealth 2 Rectifier
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
135Kb / 5P
   Stealth 2 Rectifier
FFP30S60S FAIRCHILD-FFP30S60S Datasheet
238Kb / 5P
   STEALTH II Rectifier
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com