Electronic Components Datasheet Search |
|
SCG05D40054-21BF Datasheet(PDF) 7 Page - JDS Uniphase Corporation |
|
SCG05D40054-21BF Datasheet(HTML) 7 Page - JDS Uniphase Corporation |
7 / 9 page 7 BENCHTOP/RACKMOUNT PROGRAMMABLE SWITCHES Ordering Information SB Model Sample: SB2E10141+27XF000FP Code Connector Type FP FC/PC (bulkhead max. 24) FA FC/APC (bulkhead max. 24) SC SC/PC (bulkhead max. 24) SU SC/APC (bulkhead max. 24) NC No connector 1. Bulkheads and pigtails cannot be mixed in the same panel unless custom ordered. 2. For reverse direction, use bidirectional. SB Switch Package Information Connector Type Chassis Size Switch Configuration Max Channel Counts (input + output) Bulkhead 2U bench top C, D, E 24 Bulkhead 2U bench top F 22 Pigtail 2U bench top C, D 49 Pigtail 2U bench top F 22 If the configurations available do not meet your performance requirements, please contact our global sales and customer service team to discuss the potential for specialized solutions. SB +2 Code Wavelength Range (nm) F 1270 to 1670 Q 850 to 1350 (MM only) B 750 to 940 (MM only) Code Cable Length (3mm diameter) 001 1 m 003 3 m 009 9 m 000 Not applicable (bulkheads only) Code Number of Input Channels 1C 1 input channel, C config. 2D 2 input channels, D config. 2E 2 input channels, E config. 2F 2 input channels, F config. Code Input Port Type1 1 Bulkheads on front 4 Pigtails on back Code Number of Output Channels 002 2 output channels :: 020 20 output channels :: 024 24 output channels :: 048 48 output channels Code Output Port Type1 1 Bulkheads on front 4 Pigtails on back Code Return Loss XStandard AAnalog B Bidirectional, standard RL2 C Bidirectional analog RL2 Code Fiber Type (µm) 7 9/125 1 50/125 2 62.5/125 |
Similar Part No. - SCG05D40054-21BF |
|
Similar Description - SCG05D40054-21BF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |