Electronic Components Datasheet Search |
|
TM3066 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc. |
|
TM3066 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc. |
|
1 / 1 page 02/17/06 Legend + 25 ºC + 85 ºC - - - - - - -55 ºC Typical Intermodulation Performance at 25 º C Second Order Harmonic Intercept Point ...... +42 dBm (Typ.) Second Order Two Tone Intercept Point ....... +39 dBm (Typ.) Third Order Two Tone Intercept Point ........... +32 dBm (Typ.) RF AMPLIFIER MODEL TM3066 Features ! High Gain: 31 dB Typical ! Low Noise Figure: 2.0 dB Typical ! Operating Temp. - 55 ºC to + 85 ºC ! Environmental ScreeningAvailable CHARACTERISTIC TYPICAL MIN/MAX Ta= 25 ºC Ta = -55 ºC to +85 ºC Frequency 5 - 300 MHz 10 - 300 MHz Gain (dB) 31 30 Min. Power @ 1 dB Comp. (dBm) +18 +17 Min. Reverse Isolation (dB) - 35 -34 Max. VSWR In 1.5:1 1.7:1 Max. Out 1.5:1 1.7:1 Max. Noise Figure (dB) 2.0 2.5 Max. Power Vdc +15 +15 Min. m A 85 90 Max. Note: Care should always be taken to effectively ground the case of each unit. Specifications Typical Performance Data Available as: TM3066, 4 Pin TO-8 (T4) TN3066, 4 Pin Surface Mount (SM3) FP3066, 4 Pin Flatpack (FP4) BX3066, Connectorized Housing (H1) Maximum Ratings Ambient Operating Temperature .............. -55ºC to + 100 ºC Storage Temperature ............................... -62ºC to + 125 ºC Case Temperature ................................................. + 125 ºC DC Voltage ......................................................... + 18 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 µsec Max.) 2.0 1.5 1.0 2.0 1.5 1.0 1 5 4 3 2 33 31 29 +20 +19 +18 +17 +16 0 - 10 - 20 - 30 - 40 30 32 Start 10 MHz Stop 300 MHz Start 10 MHz Stop 300 MHz Start 10 MHz Stop 300 MHz Start 10 MHz Stop 300 MHz Start 10 MHz Stop 300 MHz Start 10 MHz Stop 300 MHz Gain (dB) Noise Figure (dB) 1 dB Comp. (dBm) Input VSWR Output VSWR Reverse Isolation (dB) Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532 Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001 www.spectrummicrowave.com |
Similar Part No. - TM3066 |
|
Similar Description - TM3066 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |