Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG05F10052-27BQ Datasheet(PDF) 8 Page - JDS Uniphase Corporation

Part # SCG05F10052-27BQ
Description  Benchtop/Rackmount Programmable Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SCG05F10052-27BQ Datasheet(HTML) 8 Page - JDS Uniphase Corporation

  SCG05F10052-27BQ Datasheet HTML 1Page - JDS Uniphase Corporation SCG05F10052-27BQ Datasheet HTML 2Page - JDS Uniphase Corporation SCG05F10052-27BQ Datasheet HTML 3Page - JDS Uniphase Corporation SCG05F10052-27BQ Datasheet HTML 4Page - JDS Uniphase Corporation SCG05F10052-27BQ Datasheet HTML 5Page - JDS Uniphase Corporation SCG05F10052-27BQ Datasheet HTML 6Page - JDS Uniphase Corporation SCG05F10052-27BQ Datasheet HTML 7Page - JDS Uniphase Corporation SCG05F10052-27BQ Datasheet HTML 8Page - JDS Uniphase Corporation SCG05F10052-27BQ Datasheet HTML 9Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
BENCHTOP/RACKMOUNT PROGRAMMABLE SWITCHES
Ordering Information
SC Model Sample: SC2D30043+22XB009FP
SC
+2
Code
Wavelength Range (nm)
F
1270 to1670
Q
850 to 1350 (MM only)
B
750 to 940 (MM only)
Code
Cable Length (3mm diameter)
001
1 m
003
3 m
009
9 m
000
Not applicable (bulkheads only)
Code
Connector Type
FP
FC/PC (bulkheads max. 60/120)
FA
FC/APC (bulkheads max. 60/120)
SC
SC/PC (bulkheads max. 60/120)
SU
SC/APC (bulkheads max. 60/120)
NC
No connector
Code
Number of Input Channels
1C
1 input channel, C config.
2D
2 input channels, D config.
2E
2 input channels, E config.
2F
2 input channels, F config.
3D
3 input channels, D config.
3E
3 input channels, E config.
3F
3 input channels, F config.
4D
4 input channels, D config.
4E
4 input channels, E config.
4F
4 input channels, F config.
Code
Input Port Type1
1
Bulkheads on front
2
Bulkheads on back
3
Pigtails on front
4
Pigtails on back
Code
Number of Output Channels2
002
2 output channels
::
084
84 output channels
::
180
180 output channels
Code
Output Port Type1
1
Bulkheads on front
2
Bulkheads on back
3
Pigtails on front
4
Pigtails on back
Code
Return Loss
XStandard
AAnalog
B
Bidirectional,
standard RL2
C
Bidirectional
analog RL2
Code
Fiber Type (µm)
7
9/125
1
50/125
2
62.5/125
1. Bulkheads and pigtails cannot be mixed in the same panel unless custom ordered.
2. Single height: 84 output channel maximum. Double height: 180 output channel maximum.
3. For reverse direction, use bidirectional.
If the configurations available do not meet your performance
requirements, please contact our global sales and customer
service team to discuss the potential for specialized solutions.
SC Switch Package Information
Connector Type
Chassis Size
Switch Configuration
Max Channel Counts (input + output)
Bulkhead
3U 19” rack mount
C, D, E
60
Pigtail
3U 19” rack mount
C, D, E
85
Bulkhead / Pigtail
3U 19” rack mount
F 2xN
46
Bulkhead / Pigtail
3U 19” rack mount
F 3xN
29
Bulkhead / Pigtail
3U 19” rack mount
F 4xN
24
Bulkheads
6U 19” rack mount
C, D, E
120
Pigtails
6U 19” rack mount
C, D, E
181
Bulkhead / Pigtail
6U 19” rack mount
F 2xN
92
Bulkhead / Pigtail
6U 19” rack mount
F 3xN
63
Bulkhead / Pigtail
6U 19” rack mount
F 4xN
49
Continued


Similar Part No. - SCG05F10052-27BQ

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
SCG002 WJCI-SCG002 Datasheet
127Kb / 4P
   InGaP HBT Gain Block
SCG002 WJCI-SCG002 Datasheet
177Kb / 4P
   InGaP HBT Gain Block
SCG002B-G WJCI-SCG002B-G Datasheet
127Kb / 4P
   InGaP HBT Gain Block
SCG002B-G WJCI-SCG002B-G Datasheet
177Kb / 4P
   InGaP HBT Gain Block
SCG002B-PCB WJCI-SCG002B-PCB Datasheet
127Kb / 4P
   InGaP HBT Gain Block
More results

Similar Description - SCG05F10052-27BQ

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-521 JFW-50PA-521 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-63 JFW-50BA-001-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-016-63 JFW-50BA-016-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-017-63.5 JFW-50BA-017-63.5 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-030-31 JFW-50BA-030-31 Datasheet
37Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-501 JFW-50PA-501 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
75PA-052 JFW-75PA-052 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-505 JFW-50PA-505 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-95 JFW-50BA-001-95 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-032-31 JFW-50BA-032-31 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com