Electronic Components Datasheet Search |
|
SCG05E20051-27BB Datasheet(PDF) 4 Page - JDS Uniphase Corporation |
|
SCG05E20051-27BB Datasheet(HTML) 4 Page - JDS Uniphase Corporation |
4 / 9 page 4 BENCHTOP/RACKMOUNT PROGRAMMABLE SWITCHES Parameter1 Single Common Multiple Common Multiple Common C Configuration D Configuration E and F Configurations (SC model only) Typical Maximum Typical Maximum Typical Maximum IL SM 0.4 dB 0.7 dB 0.4 dB 0.7 dB 0.5 dB 1.0 dB SC with 3 and 4 inputs and SCG models - - 0.5 dB 1.0 dB 0.7 dB 1.5 dB MM 0.4 dB 0.7 dB 0.4 dB 0.7 dB 0.5 dB 1.0 dB SC with 3 and 4 inputs and SCG models - - 0.5 dB 1.0 dB 0.7 dB 1.5 dB RL2 SM standard/analog > 65 dB 60/65 dB > 65 dB 60/65 dB3 > 65 dB 60 dB MM4 standard/analog 25/35 dB 20/30 dB 25/35 dB3 20/30 dB3 > 25 dB 20 dB PDL SM 0.02 dB 0.05 dB 0.02 dB 0.05 dB 0.03 dB 0.07 dB IL stability5 ± 0.03 dB ± 0.05 dB ± 0.03 dB ± 0.05 dB ± 0.03 dB ± 0.05 dB Repeatability7 Sequential switching ± 0.003 dB ± 0.005 dB ± 0.005 dB ± 0.01 dB ± 0.005 dB ± 0.01 dB Random switching ± 0.01 dB ± 0.025 dB ± 0.02 dB ± 0.04 dB ± 0.02 dB ± 0.04 dB Crosstalk (maximum) SM -80 dB Maximum input power (optical) 300 mW Lifetime > 80 million cycles (> 10 million cycles on SCG) Switching time One channel (SCG model) 300 ms (420 ms) Each additional channel (SCG model) 12 ms (20 ms) Power supply 100 to 240 V, 50 to 60 Hz Power consumption 100 V A maximum Control Local and remote via GPIB and serial RS-232 interfaces Drivers for external switch modules Four open collector drivers with maximum 100 mA sink current Operation temperature 0 to 55 °C Storage temperature -40 to 70 °C Humidity Maximum 95 % RH from 0 to 55 °C non-condensing Dimensions (W x H x D) single (double height6) 48 x 13 x 37 cm (48 x 26.6 x 37 cm) excluding handles Weight single (double height6) 9 kg (14 kg) 1. Excluding connectors. All optical measurements taken after temperature has been stabilized for one hour, at ambient (room) conditions. 2. RL specification based on 1 m pigtail length. 3. Analog version available on one and two input SC model switches (C and D configurations). 4. Values shown for 62.5 µm diameter maximum fiber core. 5. Drift of any channel relative to reference channel at ± 3 °C deviation of ambient temperature over a seven-day period. 6. Applies to SC model only. 7. Measured between two consecutive readings over 100 cycles. SC and SCG Models Specifications |
Similar Part No. - SCG05E20051-27BB |
|
Similar Description - SCG05E20051-27BB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |