Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A215EHI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # A215EHI
Description  Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A215EHI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  A215EHI Datasheet HTML 1Page - MicroPower Direct, LLC A215EHI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
2W Output Power
6,000 VDC Isolation
UL Approved (File E245422)
-40ºC to 85ºC Operation
24 Pin DIP Case
5V and 12V Inputs
Single & Dual Outputs
16 Standard Models
3.5 MH MTBF
LOWEST COST!!
A200EHI
Low Cost, Miniature DIP
2W, Very High Isolation
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
Input Filter
Internal Capacitor
Short Circuit Input Power
1,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
±4.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±1.0
±3.0
%
Line Regulation
For Vin Change of 1%
±1.2
%/%
Load Regulation, 5V Input
Iout = 10% to 100%
±15
%
Load Regulation, 12V Input
Iout = 10% to 100%
±10
%
Ripple & Noise (20 MHz) (Note 1)
100
200
mV P - P
Output Power Protection
120
%
Temperature Coefficient
±0.03
%/ºC
Output Short Circuit
Momentary (1.0 Seconds)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
6,000
VDC
Isolation Resistance
500 VDC
1,000
Isolation Capacitance
100 kHz, 1V
2
pF
Switching Frequency
35
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+85
ºC
Storage Temperature Range
-55
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.27 x 0.62 x 0.40 Inches (32.3 x 15.7 x 10.2 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.42 Oz (12g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Safety Standards
UL 1950, EN 60950, IEC 60950
Safety Approvals
UL, cUL; File No. E245422
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
7.5
VDC
12 VDC Input
-0.7
15.0
Lead Temperature
1.5 mm From Case For 10 Sec.
300
ºC
Internal Power Dissipation
All Models
1,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - A215EHI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A215EHI MPD-A215EHI Datasheet
223Kb / 2P
   A200EHI SERIES
More results

Similar Description - A215EHI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A100EHI MPD-A100EHI Datasheet
181Kb / 2P
   Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Converters
D100EHI MPD-D100EHI Datasheet
181Kb / 2P
   Low Cost, Miniature SIP 1W, Very High Isolation DC/DC Converters
G200EI MPD-G200EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
   Low Cost, 2W High Isolation SIP DC/DC Converters
D200EI MPD-D200EI Datasheet
168Kb / 2P
   Low Cost, 2W SIP High Isolation DC/DC Converters
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200I MPD-D200I Datasheet
197Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
A100EHI MPD-A100EHI_14 Datasheet
207Kb / 2P
   Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Con vert ers
E200E MPD-E200E Datasheet
201Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com