Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54AT Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BAT54AT
Description  Surface Mount Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAT54AT Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BAT54AT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAT54AT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
BAT54T Series
BAT54T / BAT54AT / BAT54CT / BAT54ST
Surface Mount Schottky Barrier Diode
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω Οutput
Pulse
Generator
50
Ω Input
Sampling
Oscilloscope
tr
tp
t
10%
90%
IF
IR
trr
t
IR(REC) = 1 mA
Output Pulse
(IF = IR = 10 mA; measured
at IR(REC) = 1 mA)
IF
Input Signal
Figure 1. Recovery Time Equivalent Test Circuit
100
0.0
0.1
VF, Forward Voltage (V)
0.2
0.3
0.4
0.5
10
1.0
0.1
85
°C
10
0
VR, Reverse Voltage (V)
1.0
0.1
0.01
0.001
510
15
20
25
14
0
VR, Reverse Voltage (V)
12
4
2
0
510
15
30
Figure 2. Forward Voltage
Figure 3. Leakage Current
Figure 4. Total Capacitance
–40
°C
25
°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 25°C
0.6
– 55
°C
150
°C
125
°C
100
1000
30
25
20
6
8
10
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page
2 of 2


Similar Part No. - BAT54AT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54AT DIODES-BAT54AT Datasheet
176Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 3 - 2
logo
Micro Commercial Compon...
BAT54AT MCC-BAT54AT Datasheet
308Kb / 3P
   150mWatt, 30Volt Schottky Barrier Diode
logo
Weitron Technology
BAT54AT WEITRON-BAT54AT Datasheet
491Kb / 3P
   Surface Mount Schottky Diodes
logo
DONGGUAN YOU FENG WEI E...
BAT54AT YFWDIODE-BAT54AT Datasheet
518Kb / 3P
   Schottky Diodes
logo
Diodes Incorporated
BAT54AT DIODES-BAT54AT Datasheet
362Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 8 - 2
More results

Similar Description - BAT54AT

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com