Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC546B Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # BC546B
Description  Elektronische Bauelemente
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC546B Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  BC546B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC546B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC546B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Any changing of specification will not be informed individual
BC546, B, C
BC547, A, B, C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
D
b
D1
e
e1
TO-92 PACKAGE OUTLINE DIMENSIONS
Symbol
A
A1
b
c
D
D1
E
e
e1
L
Ö
Min
3.300
1.100
0.380
0.360
4.400
3.430
4.300
2.440
14.100
0.000
Max
3.700
1.400
0.550
0.510
4.700
4.700
2.640
14.500
1.600
0.380
Min
0.130
0.043
0.015
0.014
0.173
0.135
0.169
0.096
0.555
0.000
Max
0.146
0.055
0.022
0.020
0.185
0.185
0.104
0.571
0.063
0.015
Dimensions In Millimeters
Dimensions In Inches
0.050TYP
1.270TYP
φ
BC548, A, B, C
01-Jun-2002 Rev. A
Page 3 of 3


Similar Part No. - BC546B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC546B MOTOROLA-BC546B Datasheet
193Kb / 6P
   Amplifier Transistors
logo
NXP Semiconductors
BC546B NXP-BC546B Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Taiwan Semiconductor Co...
BC546B TSC-BC546B Datasheet
253Kb / 5P
   NPN Transistor
logo
ON Semiconductor
BC546B ONSEMI-BC546B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Micro Commercial Compon...
BC546B MCC-BC546B Datasheet
228Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
More results

Similar Description - BC546B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
   Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
   Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
   Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
   Elektronische Bauelemente
BC556 SECOS-BC556 Datasheet
313Kb / 3P
   Elektronische Bauelemente
3DD13003B SECOS-3DD13003B Datasheet
523Kb / 2P
   NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
KTC1027 SECOS-KTC1027_15 Datasheet
57Kb / 1P
   NPN Plastic Encapsulated Elektronische Bauelemente Transistor
BCPA1666 SECOS-BCPA1666_15 Datasheet
78Kb / 1P
   PNP Plastic Encapsulated Elektronische Bauelemente Transistor
SMS2321 SECOS-SMS2321 Datasheet
223Kb / 3P
   P-Channel Elektronische Bauelemente Enhancement MOSFET
MPSA55 SECOS-MPSA55_15 Datasheet
66Kb / 1P
   PNP Plastic Encapsulated Elektronische Bauelemente Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com