Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR1004 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BR1004
Description  AMP Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BR1004 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BR1004 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BR1004 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BR 10/15/25/35/50 Series
VOLTAGE 50V ~ 1000V
10 / 15 / 25 / 35 / 50 AMP Silicon Bridge Rectifiers
FEATURES
. Surge overload 240 ~ 400 Amperes peak
. Low forward voltage drop
. Mounting Position : Any
. Electrically isolated base – 2000 volts
. Solderable 0.25” FASTON terminals
. Materials used carries U/L recognition
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified
.
Single phase, half wave, 60Hz, resistive or inductive load,
For capacitive load, derate current by 20%.
BR
10005
1001
1002
1004
1006
1008
1010
15005
1501
1502
1504
1506
1508
1510
25005
2501
2502
2504
2506
2508
2510
35005
3501
3502
3504
3506
3508
3510
TYPE NUMBER
50005
5001
5002
5004
5006
5008
5010
UNITS
Maximum Recurrent Peak Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current @Tc=55
10
15
25
35
50
A
Peak Forward Surge Current
8.3ms single half sine-wave
Super imposed on rated load
BR
240
BR
300
BR
300
BR
400
BR
400
A
Maximum Forward Voltage Drop per element
At 5.0/7.5/12.5/17.5/25.0A Peak
1.0
V
Maximum Reverse Current at Rate
DC Blocking Voltage per element @TA=25
10
µA
Operating Temperature Range Tc
-40 to +125
Storage Temperature Range TA
-40 to +125
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BR1004

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BR1004 EIC-BR1004 Datasheet
40Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
BR1004 HY-BR1004 Datasheet
401Kb / 3P
   Silicon Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
BR1004 BILIN-BR1004 Datasheet
82Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
BR1004 EIC-BR1004 Datasheet
275Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 05:November 3, 2016
logo
Galaxy Semi-Conductor H...
BR1004 BILIN-BR1004 Datasheet
80Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - BR1004

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SB500 DEC-SB500 Datasheet
318Kb / 2P
   5 AMP SILICON BRIDGE RECTIFIERS
SB400L DEC-SB400L Datasheet
392Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
   2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
DB3500 DEC-DB3500 Datasheet
605Kb / 2P
   35 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
EBSA201 SECOS-EBSA201_15 Datasheet
206Kb / 2P
   2.0 Amp Silicon Bridge Rectifiers
TB151S SECOS-TB151S_15 Datasheet
94Kb / 1P
   1.5 Amp Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
25DBP DEC-25DBP Datasheet
137Kb / 2P
   25 AMP SILICON BRIDGE RECTIFIERS
50SDB DEC-50SDB Datasheet
98Kb / 2P
   50 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com